Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F610-E/ST Fiches technique (PDF) - Microchip Technology

PIC16F610-E/ST Datasheet PDF - Microchip Technology
No de pièce PIC16F610-E/ST
Télécharger  PIC16F610-E/ST Télécharger
Taille du fichier   2877.72 Kbytes
Page   180 Pages
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14-Pin, Flash-Based 8-Bit CMOS Microcontrollers

PIC16F610-E/ST Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
PIC16F610-E/ST Datasheet PDF - Microchip Technology

No de pièce PIC16F610-E/ST
Télécharger  PIC16F610-E/ST Click to download

Taille du fichier   2877.72 Kbytes
Page   180 Pages
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14-Pin, Flash-Based 8-Bit CMOS Microcontrollers

PIC16F610-E/ST Fiches technique (HTML) - Microchip Technology


PIC16F610-E/ST Détails du produit

DEVICE OVERVIEW

The PIC16F610/616/16HV610/616 is covered by this data sheet. It is available in 14-pin PDIP, SOIC, TSSOP and 16-pin QFN packages.

Block Diagrams and pinout descriptions of the devices are as follows:



   • PIC16F610/16HV610 (Figure 1-1, Table 1-1)

   • PIC16F616/16HV616 (Figure 1-2, Table 1-2)

  

High-Performance RISC CPU:

• Only 35 Instructions to Learn:

   - All single-cycle instructions except branches

• Operating Speed:

   - DC – 20 MHz oscillator/clock input

   - DC – 200 ns instruction cycle

• Interrupt Capability

• 8-Level Deep Hardware Stack

• Direct, Indirect and Relative Addressing modes



Special Microcontroller Features:

• Precision Internal Oscillator:

   - Factory calibrated to ±1%, typical

   - User selectable frequency: 4 MHz or 8 MHz

• Power-Saving Sleep mode

• Voltage Range:

   - PIC16F610/616: 2.0V to 5.5V

   - PIC16HV610/616: 2.0V to user defined maximum (see note)

• Industrial and Extended Temperature Range

• Power-on Reset (POR)

• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Brown-out Reset (BOR)

• Watchdog Timer (WDT) with Independent Oscillator for Reliable Operation

• Multiplexed Master Clear with Pull-up/Input Pin

• Programmable Code Protection

• High Endurance Flash:

   - 100,000 write Flash endurance

   - Flash retention: > 40 years



Low-Power Features:

• Standby Current:

   - 50 nA @ 2.0V, typical

• Operating Current:

   - 20 μA @ 32 kHz, 2.0V, typical

   - 220 μA @ 4 MHz, 2.0V, typical

• Watchdog Timer Current:

   - 1 μA @ 2.0V, typical

  

Peripheral Features:

• Shunt Voltage Regulator (PIC16HV610/616 only):

   - 5 volt regulation

   - 4 mA to 50 mA shunt range

• 11 I/O Pins and 1 Input Only

   - High current source/sink for direct LED drive

   - Interrupt-on-Change pins

   - Individually programmable weak pull-ups

• Analog Comparator module with:

   - Two analog comparators

   - Programmable on-chip voltage reference (CVREF) module (% of VDD)

   - Fixed Voltage Reference

   - Comparator inputs and outputs externally accessible

   - SR Latch

   - Built-In Hysteresis (user selectable)

• Timer0: 8-Bit Timer/Counter with 8-Bit Programmable Prescaler

• Enhanced Timer1:

   - 16-bit timer/counter with prescaler

   - External Timer1 Gate (count enable)

   - Option to use OSC1 and OSC2 in LP mode as Timer1 oscillator if INTOSC mode selected

   - Timer1 oscillator

• In-Circuit Serial ProgrammingTM (ICSPTM) via Two Pins



PIC16F616/16HV616 only:

• A/D Converter:

   - 10-bit resolution

   - 8 external input channels

   - 2 internal reference channels

• Timer2: 8-Bit Timer/Counter with 8-Bit Period Register, Prescaler and Postscaler

• Enhanced Capture, Compare, PWM module:

   - 16-bit Capture, max. resolution 12.5 ns

   - 16-bit Compare, max. resolution 200 ns

   - 10-bit PWM with 1, 2 or 4 output channels,

programmable “dead time”, max. frequency 20 kHz



 




Numéro de pièce similaire - PIC16F610-E/ST

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
PIC16F610-E/ST MICROCHIP-PIC16F610-E/ST Datasheet
3Mb / 214P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2009
More results


Description similaire - PIC16F610-E/ST

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
16F630 MICROCHIP-16F630 Datasheet
2Mb / 132P
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2003
logo
Cirrus Logic
PIC16F616 APEX-PIC16F616 Datasheet
2Mb / 172P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
logo
Microchip Technology
PIC16F630 MICROCHIP-PIC16F630_07 Datasheet
1Mb / 130P
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2007
PIC16F630 MICROCHIP-PIC16F630_06 Datasheet
2Mb / 130P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2006
PIC16F630 MICROCHIP-PIC16F630_10 Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC16F610 MICROCHIP-PIC16F610_09 Datasheet
3Mb / 214P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2009
PIC16F753 MICROCHIP-PIC16F753 Datasheet
4Mb / 238P
14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
11/29/12 2013
PIC16F676-EP MICROCHIP-PIC16F676-EP Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F684T-I MICROCHIP-PIC16F684T-I Datasheet
3Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
12/08/06
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
More results




À propos de Microchip Technology


Microchip Technology est une entreprise américaine de semi-conducteurs fondée en 1989.
La société fournit une large gamme de microcontrôleurs, de produits analogiques, de mémoire et de sécurité pour diverses applications sur les marchés automobiles, industriels et consommateurs.
Microchip est l'un des plus grands fournisseurs de microcontrôleurs au monde et est connu pour son expertise dans la conception de faible puissance et son accent sur les technologies d'économie d'énergie.
L'entreprise fournit également des outils de développement et des logiciels pour aider les clients à concevoir et à prototyper leurs produits.
Microchip a des opérations dans plus de 70 pays et ses produits sont utilisés dans un large éventail d'applications.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.