Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5M40ZE64C5N Fiches technique (PDF) - Altera Corporation

5M40ZE64C5N Datasheet PDF - Altera Corporation
No de pièce 5M40ZE64C5N
Télécharger  5M40ZE64C5N Télécharger
Taille du fichier   1175.96 Kbytes
Page   72 Pages
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation
Description MAX V Device Core

5M40ZE64C5N Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
5M40ZE64C5N Datasheet PDF - Altera Corporation

No de pièce 5M40ZE64C5N
Télécharger  5M40ZE64C5N Click to download

Taille du fichier   1175.96 Kbytes
Page   72 Pages
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation
Description MAX V Device Core

5M40ZE64C5N Fiches technique (HTML) - Altera Corporation


5M40ZE64C5N Détails du produit

Feature Summary
The following list summarizes the MAX V device family features:
■ Low-cost, low-power, and non-volatile CPLD architecture
■ Instant-on (0.5 ms or less) configuration time
■ Standby current as low as 25 µA and fast power-down/reset operation
■ Fast propagation delay and clock-to-output times
■ Internal oscillator
■ Emulated RSDS output support with a data rate of up to 200 Mbps
■ Emulated LVDS output support with a data rate of up to 304 Mbps
■ Four global clocks with two clocks available per logic array block (LAB)
■ User flash memory block up to 8 Kbits for non-volatile storage with up to 1000
read/write cycles
■ Single 1.8-V external supply for device core
■ MultiVolt I/O interface supporting 3.3-V, 2.5-V, 1.8-V, 1.5-V, and 1.2-V logic levels
■ Bus-friendly architecture including programmable slew rate, drive strength,
bus-hold, and programmable pull-up resistors
■ Schmitt triggers enabling noise tolerant inputs (programmable per pin)
■ I/Os are fully compliant with the PCI-SIG® PCI Local Bus Specification, revision
2.2 for 3.3-V operation
■ Hot-socket compliant
■ Built-in JTAG BST circuitry compliant with IEEE Std. 1149.1-1990
Table 1–1 lists the MAX V family features.




Numéro de pièce similaire - 5M40ZE64C5N

FabricantNo de pièceFiches techniqueDescription
logo
Altera Corporation
5M40ZE64C5N ALTERA-5M40ZE64C5N Datasheet
489Kb / 30P
3. DC and Switching Characteristics for MAX V Devices
5M40ZE64C5N ALTERA-5M40ZE64C5N Datasheet
3Mb / 166P
MAX V Device Handbook
More results


Description similaire - 5M40ZE64C5N

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
Flash Programmable System Device with 8032 Microcontroller Core
Jun-2002
logo
Littelfuse
LRD190 LITTELFUSE-LRD190 Datasheet
70Kb / 2P
Max. Device Surface Temperature in Tripped State
logo
Altera Corporation
EPM240G ALTERA-EPM240G Datasheet
1Mb / 86P
MAX II Device Family
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
MAX II Device Family Data
5M80ZE64I5N ALTERA-5M80ZE64I5N Datasheet
3Mb / 166P
MAX V Device Handbook
logo
TDK Electronics
ICM-30630 TDK-ICM-30630 Datasheet
141Kb / 1P
Tri-core 6-Axis Motiontraking Device
logo
Altera Corporation
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
Section I. MAX II Device Family
August 2009
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
MAX II Device Handbook
October 2008, version 2.1
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
MAX II Device Family Data Sheet
December 2006
M10 INTEL-M10 Datasheet
240Kb / 14P
Intel® MAX® 10 FPGA Device Overview
More results




À propos de Altera Corporation


Altera Corporation était un fabricant américain de dispositifs logiques programmables (PLD), circuits numériques complexes reconfigurables. Il a été acquis par Intel Corporation en 2015 et est maintenant une filiale d'Intel.

Fondée en 1983, Altera a été l'un des pionniers dans le domaine de la logique programmable, offrant une gamme de produits PLD, notamment des réseaux de portes programmables sur le terrain (FPGA), des périphériques logiques programmables complexes (CPLD) et des puces spécialisées pour le traitement et la mémoire du signal numérique fonctions d'interface. Les produits de l'entreprise ont été utilisés dans une variété d'applications, notamment des systèmes de communication, de l'automatisation industrielle, des équipements médicaux et des systèmes militaires.

Altera était connue pour son innovation sur le marché du PLD, y compris le développement de FPGA de haute densité et de CPLD à haute puissance à haute puissance. Avec son acquisition par Intel, Altera continue de fournir des solutions PLD à ses clients, en tirant parti des ressources et de la technologie de l'une des plus grandes sociétés technologiques du monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com