Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RS53328HT Fiches technique (PDF) - Reed Semiconductor Corp.

RS53328HT Datasheet PDF - Reed Semiconductor Corp.
No de pièce RS53328HT
Télécharger  RS53328HT Télécharger
Taille du fichier   160.91 Kbytes
Page   2 Pages
Fabricant  REED [Reed Semiconductor Corp.]
Site Internet  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.85V to 16V Input, 12A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit

RS53328HT Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
RS53328HT Datasheet PDF - Reed Semiconductor Corp.

No de pièce RS53328HT
Télécharger  RS53328HT Click to download

Taille du fichier   160.91 Kbytes
Page   2 Pages
Fabricant  REED [Reed Semiconductor Corp.]
Site Internet  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.85V to 16V Input, 12A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit

RS53328HT Fiches technique (HTML) - Reed Semiconductor Corp.


RS53328HT Détails du produit

Features
• Robust Constant On Time (RCOTTM) Control
with fast transient response
• Input Voltage Range: 2.85V to 16V with
external bias, or 4V to 16V with internal bias.
• Output Voltage Range: 0.6V to 5.5V for
RS53328L, 0.9V to 5.5V for RS53328H. 90%
max duty cycle
• 12A continuous output current
• Excellent load and line regulations with 0.5%
voltage accuracy
• Differential Remote Sensing
• Mode Selection Between Pulse Skip and CCM
at Light Load
• Programmable soft-start time
• 1.0μA Current into VIN Pin during Shutdown
• Programmable Switch Valley Current Limit
• Adjustable Switching Frequency: 600kHz,
800kHz, 1000kHz and 2.2MHz
• OCP, UVP, OVP, UVLO and OTP
• 3mm x 4mm 21-Pin QFN Package
• RoHS compliant and Green




Numéro de pièce similaire - RS53328HT

FabricantNo de pièceFiches techniqueDescription
logo
Reed Semiconductor Corp...
RS53317 REED-RS53317 Datasheet
158Kb / 2P
2.85V to 16V Input, 6A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit
RS53317HR REED-RS53317HR Datasheet
158Kb / 2P
2.85V to 16V Input, 6A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit
RS53317HT REED-RS53317HT Datasheet
158Kb / 2P
2.85V to 16V Input, 6A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit
RS53317LR REED-RS53317LR Datasheet
158Kb / 2P
2.85V to 16V Input, 6A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit
RS53317LT REED-RS53317LT Datasheet
158Kb / 2P
2.85V to 16V Input, 6A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit
More results


Description similaire - RS53328HT

FabricantNo de pièceFiches techniqueDescription
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
2A Step-Down Converter with Adjustable Input Current Limit
logo
Monolithic Power System...
MPQ8633B MPS-MPQ8633B Datasheet
1Mb / 21P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2276 MPS-MP2276 Datasheet
1Mb / 23P
8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
MPQ8634A MPS-MPQ8634A Datasheet
1Mb / 20P
16V, 12A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8634B MPS-MPQ8634B Datasheet
1Mb / 20P
16V, 20A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com