Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XQA Fiches technique (PDF) - Cree LED

XQA Datasheet PDF - Cree LED
No de pièce XQA
Télécharger  XQA Télécharger
Taille du fichier   3220.79 Kbytes
Page   33 Pages
Fabricant  CREELED [Cree LED]
Site Internet  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® XQ-A LEDs

XQA Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
XQA Datasheet PDF - Cree LED

No de pièce XQA
Télécharger  XQA Click to download

Taille du fichier   3220.79 Kbytes
Page   33 Pages
Fabricant  CREELED [Cree LED]
Site Internet  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® XQ-A LEDs

XQA Fiches technique (HTML) - Cree LED


XQA Détails du produit

FEATURES
• Cree LED’s smallest lighting class LED: 1.6 X 1.6 mm
• Available in 70-, 80- & 90‑CRI white, blue, PC blue, green, PC
amber, red‑orange & red
• Maximum drive current: 300 mA
• Wide viewing angle: 100° - 115°
• Reflow solderable - JEDEC J-STD‑020C compatible
• Unlimited floor life at ≤ 30 °C/85% RH
• RoHS and REACH compliant
• UL® recognized component (E349212)




Numéro de pièce similaire - XQA

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
XQAAPA-00-0000-000000X01 CREE-XQAAPA-00-0000-000000X01 Datasheet
1Mb / 19P
Cree XLamp XQ-A LEDs
Rev 0C
XQAAPA-00-0000-000000Y01 CREE-XQAAPA-00-0000-000000Y01 Datasheet
1Mb / 19P
Cree XLamp XQ-A LEDs
Rev 0C
XQAAPA-00-0000-000000Z01 CREE-XQAAPA-00-0000-000000Z01 Datasheet
1Mb / 19P
Cree XLamp XQ-A LEDs
Rev 0C
XQAAWT-00-0000-00000B3E2 CREE-XQAAWT-00-0000-00000B3E2 Datasheet
1Mb / 19P
Cree XLamp XQ-A LEDs
Rev 0C
XQAAWT-00-0000-00000B4E2 CREE-XQAAWT-00-0000-00000B4E2 Datasheet
1Mb / 19P
Cree XLamp XQ-A LEDs
Rev 0C
More results


Description similaire - XQA

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
XLamp XQ-E LEDs
Rev 1
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
Cree XLamp XQ-A LEDs
Rev 0C
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
Cree XLamp XQ-E LEDs
Rev 7A
XQ-B CREE-XQ-B Datasheet
1Mb / 11P
XLamp XQ-B LED
Rev 3F
XQ-D CREE-XQ-D Datasheet
1Mb / 12P
XLamp XQ-D LED
Rev 3F
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
XLamp® XB-D LEDs
REV 15
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
XLamp® XQ-E LEDs
REV 12C
More results




À propos de Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com