Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33887DWB Fiches technique (PDF) - Freescale Semiconductor, Inc

MC33887DWB Datasheet PDF - Freescale Semiconductor, Inc
No de pièce MC33887DWB
Télécharger  MC33887DWB Télécharger
Taille du fichier   856.3 Kbytes
Page   37 Pages
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 5.0 A H-Bridge with Load Current Feedback

MC33887DWB Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC33887DWB Datasheet PDF - Freescale Semiconductor, Inc

No de pièce MC33887DWB
Télécharger  MC33887DWB Click to download

Taille du fichier   856.3 Kbytes
Page   37 Pages
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 5.0 A H-Bridge with Load Current Feedback

MC33887DWB Fiches technique (HTML) - Freescale Semiconductor, Inc


MC33887DWB Détails du produit

5.0 A H-Bridge with Load Current Feedback

The 33887 is a monolithic H-Bridge Power IC with a load current feedback feature making it ideal for closed-loop DC motor control. The IC incorporates internal control logic, charge pump, gate drive, and low RDS(ON) MOSFET output circuitry. The 33887 is able to control inductive loads with continuous DC load currents up to 5.0 A, and with peak current active limiting between 5.2 A and 7.8 A. Output loads can be pulse width modulated (PWM-ed) at frequencies up to 10 kHz. The load current feedback feature provides a proportional (1/375th of the load current) constant-current output suitable for monitoring by a microcontroller’s A/D input. This feature facilitates the design of closed-loop torque/speed control as well as open load detection.

Features
• Fully specified operation 5.0 V to 28 V
• Limited operation with reduced performance up to 40 V
• 120 mΩ RDS(ON) Typical H-Bridge MOSFETs
• TTL/CMOS Compatible Inputs
• PWM Frequencies up to 10 kHz
• Active Current Limiting (Regulation)
• Fault Status Reporting
• Sleep Mode with Current Draw ≤50 μA (Inputs Floating or Set
   to Match Default Logic States)
• Pb-Free Packaging Designated by Suffix Codes VW and EK




Numéro de pièce similaire - MC33887DWB

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33887DWB MOTOROLA-MC33887DWB Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
MC33887DWB FREESCALE-MC33887DWB Datasheet
1Mb / 37P
5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33887DWB/R2 MOTOROLA-MC33887DWB/R2 Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
MC33887DWBR2 MOTOROLA-MC33887DWBR2 Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
MC33887DWBR2 FREESCALE-MC33887DWBR2 Datasheet
1Mb / 37P
5.0 A H-Bridge with Load Current Feedback
More results


Description similaire - MC33887DWB

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
5.0 A H BRIDGE
MC33887 MOTOROLA-MC33887 Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
33886 FREESCALE-33886 Datasheet
570Kb / 25P
5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
5.0 A Throttle Control H-Bridge
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
5.0 A H-Bridge with Load Current Feedback
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
5.0 A H-Bridge
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
5.0 A H-Bridge with Load Current Feedback
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
5.0 A H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
5.0 A Throttle Control H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
Dual 5.0 A H-Bridge
More results




À propos de Freescale Semiconductor, Inc


Freescale Semiconductor était une entreprise américaine de semi-conducteurs fondée en 1948.
La société était l'un des principaux fournisseurs de microcontrôleurs, de capteurs et d'autres produits semi-conducteurs pour diverses applications sur les marchés automobiles, industriels et de consommation.
Les produits de Freescale étaient connus pour leurs performances élevées, leur faible consommation d'énergie et leur petit facteur de forme.
La société a été acquise par NXP Semiconductors en 2015, et ses produits et technologies continuent d'être développés et vendus sous la marque NXP.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com