Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

100000543 Fiches technique (PDF) - Turck, Inc.

100000543 Datasheet PDF - Turck, Inc.
No de pièce 100000543
Télécharger  100000543 Télécharger
Taille du fichier   216.69 Kbytes
Page   3 Pages
Fabricant  TURCK [Turck, Inc.]
Site Internet  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description BL20 Economy Module 16 Digital Outputs, NPN, 0.5 A

100000543 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
100000543 Datasheet PDF - Turck, Inc.

No de pièce 100000543
Télécharger  100000543 Click to download

Taille du fichier   216.69 Kbytes
Page   3 Pages
Fabricant  TURCK [Turck, Inc.]
Site Internet  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description BL20 Economy Module 16 Digital Outputs, NPN, 0.5 A

100000543 Fiches technique (HTML) - Turck, Inc.


100000543 Détails du produit

■ Fieldbus-independent
■ Electronics and connection technology in
one housing
■ Connectivity: Push-in terminals
■ Protection class IP20
■ 16 digital outputs, 24 VDC
■ Max. 0.5 A
■ N switching

Functional principle
Electronics and connection technology are integrated in the housing. A base module is not
needed. Economy modules and modules with
separate electronics and connection technology can be fitted into a station, provided the
base modules feature tension spring connections.
The use of gateways makes economy modules completely independent from the higher
level fieldbus.




Numéro de pièce similaire - 100000543

FabricantNo de pièceFiches techniqueDescription
logo
Turck, Inc.
100000542 TURCK-100000542 Datasheet
221Kb / 3P
BL20 Economy Module 16 Digital Inputs, NPN
2023-07-21
100000548 TURCK-100000548 Datasheet
383Kb / 2P
excom I/O System Repeater
2024-02-08
100000549 TURCK-100000549 Datasheet
369Kb / 2P
excom I/O System RS485 — Fiber Optic Media Converter for Zone 2
2024-02-08
More results


Description similaire - 100000543

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2867157 PHOENIX-2867157 Datasheet
68Kb / 3P
Digital extension module with 8 digital outputs
2897570 PHOENIX-2897570 Datasheet
744Kb / 16P
Inline Block IO Module for SERCOS III With 16 Digital Inputs and 16 Digital Inputs/Outputs
2903103 PHOENIX-2903103 Datasheet
47Kb / 3P
SmartWire DT??digital module for connecting digital output signals, 8 outputs (24 V DC/0.5 A).
6884 PHOENIX-6884 Datasheet
975Kb / 15P
Inline Block IO module for CANopen with 16 digital inputs and 16 digital outputs
6885 PHOENIX-6885 Datasheet
950Kb / 17P
Inline Block IO Module for DeviceNet??With 16 Digital Inputs and 16 Digital Outputs
logo
WAGO Kontakttechnik Gmb...
750-1505 WAGO-750-1505 Datasheet
573Kb / 12P
16-channel digital output; 24 VDC; 0.5 A; Low-side switching
750-1504 WAGO-750-1504 Datasheet
578Kb / 13P
16-channel digital output; 24 VDC; 0.5 A
750-1500 WAGO-750-1500 Datasheet
577Kb / 14P
16-channel digital output; 24 VDC; 0.5 A; Ribbon cable
logo
Wall Industries,Inc.
763-1516 WALL-763-1516 Datasheet
368Kb / 6P
16-channel digital output; 24 VDC 0.5 A
logo
Schneider Electric
TM3DQ16UG SCHNEIDER-TM3DQ16UG Datasheet
158Kb / 8P
Discrete output module, Modicon TM3, 16 outputs transistor NPN (spring)
Apr 4, 2022
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com