Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAXA0G Fiches technique (PDF) - Taiwan Semiconductor Company, Ltd

SAXA0G Datasheet PDF - Taiwan Semiconductor Company, Ltd
No de pièce SAXA0G
Télécharger  SAXA0G Télécharger
Taille du fichier   529.0 Kbytes
Page   9 Pages
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500W, 5V - 170V Transient Voltage Suppressor

SAXA0G Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SAXA0G Datasheet PDF - Taiwan Semiconductor Company, Ltd

No de pièce SAXA0G
Télécharger  SAXA0G Click to download

Taille du fichier   529.0 Kbytes
Page   9 Pages
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500W, 5V - 170V Transient Voltage Suppressor

SAXA0G Fiches technique (HTML) - Taiwan Semiconductor Company, Ltd


SAXA0G Détails du produit

FEATURES
● AEC-Q101 qualified available
● Excellent clamping capability
● Low impedance surge resistance
● 500W surge capability at 10/1000μs waveform
● Fast response time: Typically less than 1.0ps from 0 volt to
VBR for unidirectional and 5.0ns for bidirectional
● Typical IR less than 1μA above 10V
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Protect sensitive circuit from damage by high voltage
transients
● Lighting, ESD transient voltage protection of IC, system
● Inductive switching load protection of IC, system
● Electrical Fast Transient Immunity protection of IC, system




Numéro de pièce similaire - SAXA0G

FabricantNo de pièceFiches techniqueDescription
logo
Eravant
SAX-ME1132-R1 ERAVANT-SAX-ME1132-R1 Datasheet
286Kb / 3P
Ka Band Omnidirectional Antenna Mounting Fixture
Rev 1.0
SAX-ME1750-SH1-1.5 ERAVANT-SAX-ME1750-SH1-1.5 Datasheet
259Kb / 1P
Antenna Mounting Fixture
Rev 1.0
SAX-ME2500-28-S1-5.0 ERAVANT-SAX-ME2500-28-S1-5.0 Datasheet
584Kb / 2P
Antenna Mounting Fixture, Ka Band, UG-599/U Flange
Rev 1.1
SAX-ME5000-C1 ERAVANT-SAX-ME5000-C1 Datasheet
320Kb / 2P
Specialized Omnidirectional Antenna Mounting Fixture
Rev. 1.1
SAX-ME5700-C1-18.5 ERAVANT-SAX-ME5700-C1-18.5 Datasheet
511Kb / 1P
Omnidirectional Antenna Mounting Fixture, 5.7” Diameter
Rev. 1.0
More results


Description similaire - SAXA0G

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
500W TRANSIENT VOLTAGE SUPPRESSOR
SA180 WTE-SA180 Datasheet
72Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_15 Datasheet
192Kb / 7P
1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
SMBJH TSC-SMBJH Datasheet
450Kb / 8P
600W, 5V - 170V Surface Mount Transient Voltage Suppressor
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com