| Fabricant | No de pièce | Fiches technique | Description |
 Schneider Electric |
3104140042
|
132Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 110/120VAC 50/60Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
3104140048
|
114Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 208VAC 60Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
3104140051
|
114Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 220/240VAC 50/60Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
8536SDA6V03
|
121Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 7.5 HP nonreversing, Size 2, 45A, 7.5 HP 2 pole, melting alloy, 240 VAC coil, NEMA 12
Jul 13, 2022 |
|
8536SDH1V03H30
|
117Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 240 VAC coil, NEMA 3R
Jul 20, 2022 |
|
8536SDH1V08H30
|
117Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 208 VAC coil, NEMA 3R
Jul 20, 2022 |
|
8539SDA11V02S
|
109Kb / 2P |
NEMA Combination Starter, Type S, 60A HHL thermal magnetic circuit breaker, Size 2, 45A, 3 phase, 120 VAC coil, NEMA 12
Nov 8, 2023 |
|
8539SDA11V03
|
109Kb / 2P |
NEMA Combination Starter, Type S, 60A HHL thermal magnetic circuit breaker, Size 2, 45A, 3 phase, 240 VAC coil, NEMA 12
Nov 8, 2023 |
|
8539SDA1V08
|
71Kb / 2P |
NEMA Combination Starter, Type S, 60A HHL thermal magnetic circuit breaker, Size 2, 45A, 3 phase, 208 VAC coil, NEMA 12
Nov 8, 2023 |
|
8539SDW11V08
|
70Kb / 2P |
NEMA Combination Starter, Type S, 60A HHL thermal magnetic circuit breaker, Size 2, 45A, 3 phase, 208 VAC coil, NEMA 4X
Nov 9, 2023 |
|