Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38002SFP Fiches technique (PDF) - Mitsubishi Electric Semiconductor

M38002SFP Datasheet PDF - Mitsubishi Electric Semiconductor
No de pièce M38002SFP
Télécharger  M38002SFP Télécharger
Taille du fichier   4203.01 Kbytes
Page   173 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT SINGLE-CHIP MICROCOMPUTER

M38002SFP Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
M38002SFP Datasheet PDF - Mitsubishi Electric Semiconductor

No de pièce M38002SFP
Télécharger  M38002SFP Click to download

Taille du fichier   4203.01 Kbytes
Page   173 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT SINGLE-CHIP MICROCOMPUTER

M38002SFP Fiches technique (HTML) - Mitsubishi Electric Semiconductor


M38002SFP Détails du produit

DESCRIPTION
The 3800 group is the 8-bit microcomputer based on the 740 family core technology. The 3800 group is designed for office automation equipment, household appliances and include four timers, serial I/O function. The various microcomputers in the 3800 group include variations of internal memory size and packaging. For details, refer to the section on part numbering. For details on availability of microcomputers in the 3800 group, refer to the section on group expansion.

FEATURES
• Basic machine-language instructions ....................................... 71
• The minimum instruction execution time ............................ 0.5 µs
                                                       (at 8 MHz oscillation frequency)
• Memory size
   ROM .................................................................. 8 K to 32 K bytes
   RAM ................................................................. 384 to 1024 bytes
• Programmable input/output ports ............................................. 58
• Interrupts .................................................. 15 sources, 15 vectors
• Timers ............................................................................. 8 bit ✕ 4
• Serial I/O .......................8-bit ✕ 1 (UART or Clock-synchronized)
• Clock generating circuit ....................... Internal feedback resistor
   (connect to external ceramic resonator or quartz-crystal oscillator)
• Power source voltage ..................................................3.0 to 5.5 V
   (Extended operating temperature version : 4.0 to 5.5 V)
• Power dissipation ............................................................... 32 mW
• Memory expansion possible
• Operating temperature range .................................... –20 to 85°C
   (Extended operating temperature version : –40 to 85°C)

APPLICATIONS
   Office automation, factory automation, household appliances, and other consumer applications, etc.




Numéro de pièce similaire - M38002SFP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M38002SFP MITSUBISHI-M38002SFP Datasheet
2Mb / 207P
8-BIT SINGLE-CHIP MICROCOMPUTER
More results


Description similaire - M38002SFP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Sanyo Semicon Device
LC866032B SANYO-LC866032B Datasheet
390Kb / 20P
8-bit single chip microcomputer???
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
SINGLE CHIP 8 BIT MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
8-bit single chip microcomputer
12-Sep-2007
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
8-BIT SINGLE-CHIP MICROCOMPUTER
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
8-bit Single Chip Microcomputer
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com