| Fabricant | No de pièce | Fiches technique | Description |
 Kingbright Corporation |
SC56-21GWA
|
186Kb / 4P |
14.2mm (0.56INCH) SINGLE DIGIT
|
 Transcom, Inc. |
TC1073
|
73Kb / 3P |
9.2 - 10.2 GHz 26 dBm MMIC
|
|
TC1076
|
100Kb / 3P |
9.2 - 10.2 GHz 39 dBm MMIC
|
 Integrated Technology F... |
250918B
|
186Kb / 2P |
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2011. 06. 27 |
|
250919B
|
181Kb / 2P |
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2011. 08. 25 |
|
250927B
|
168Kb / 2P |
Typical 1dB bandwidth of 9.2 MHz
|
|
250962B
|
175Kb / 2P |
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2013. 03. 27 |
|
250963B
|
174Kb / 2P |
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2013. 03. 28 |
 Xtaltq Technologies Co.... |
BV0914A
|
184Kb / 2P |
SMD Package(9.2×14.2mm)
|
|
BV0914B
|
193Kb / 3P |
SMD Package(9.2×14.2mm)
|