Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UNS3K Fiches technique (PDF) - UN Semiconducctor INC

UNS3K Datasheet PDF - UN Semiconducctor INC
No de pièce UNS3K
Télécharger  UNS3K Télécharger
Taille du fichier   2624.41 Kbytes
Page   5 Pages
Fabricant  UNSEMI [UN Semiconducctor INC]
Site Internet  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Surface Mount Transient Voltage Suppressors

UNS3K Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
UNS3K Datasheet PDF - UN Semiconducctor INC

No de pièce UNS3K
Télécharger  UNS3K Click to download

Taille du fichier   2624.41 Kbytes
Page   5 Pages
Fabricant  UNSEMI [UN Semiconducctor INC]
Site Internet  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Surface Mount Transient Voltage Suppressors

UNS3K Fiches technique (HTML) - UN Semiconducctor INC


UNS3K Détails du produit

Features
Glass passivated junction .
Excellent clamping capability .
Repetitive rate (duty cycle):0.01 % .
Low profile package and low inductance .
3000A Peak Pulse power capability at 8/20us waveform .
Fast response time: typically less than 1.0ps from 0V to VBR min .
High temperature soldering:260℃/10s at terminals .
For surface mounted application in order to optimize board space .
Plastic package has Underwriters Laboratory Flammability 94V-0 .
Halogen free and RoHS compliant .




Numéro de pièce similaire - UNS3K

FabricantNo de pièceFiches techniqueDescription
logo
UN Semiconducctor INC
UNS3220 UNSEMI-UNS3220 Datasheet
2Mb / 6P
Radial Lead Varistor (MOV)
Revision March 1,2022
UNS3220-101H UNSEMI-UNS3220-101H Datasheet
2Mb / 6P
Radial Lead Varistor (MOV)
Revision March 1,2022
UNS3220-121H UNSEMI-UNS3220-121H Datasheet
2Mb / 6P
Radial Lead Varistor (MOV)
Revision March 1,2022
UNS3220-151H UNSEMI-UNS3220-151H Datasheet
2Mb / 6P
Radial Lead Varistor (MOV)
Revision March 1,2022
UNS3220-180H UNSEMI-UNS3220-180H Datasheet
2Mb / 6P
Radial Lead Varistor (MOV)
Revision March 1,2022
More results


Description similaire - UNS3K

FabricantNo de pièceFiches techniqueDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com