Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5KP16AS Fiches technique (PDF) - UN Semiconducctor INC

5KP16AS Datasheet PDF - UN Semiconducctor INC
No de pièce 5KP16AS
Télécharger  5KP16AS Télécharger
Taille du fichier   3374.35 Kbytes
Page   6 Pages
Fabricant  UNSEMI [UN Semiconducctor INC]
Site Internet  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Axial Lead Transient Voltage Suppressors 10 To 60V 6000W

5KP16AS Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
5KP16AS Datasheet PDF - UN Semiconducctor INC

No de pièce 5KP16AS
Télécharger  5KP16AS Click to download

Taille du fichier   3374.35 Kbytes
Page   6 Pages
Fabricant  UNSEMI [UN Semiconducctor INC]
Site Internet  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Axial Lead Transient Voltage Suppressors 10 To 60V 6000W

5KP16AS Fiches technique (HTML) - UN Semiconducctor INC


5KP16AS Détails du produit

Features
JEDEC R-6/P-600 Molded Plastic .
Glass passivated chip junction in R-6/P600 package .
6000 W peak pulse power capability with a 10/1000 us
waveform, repetitive rate (duty cycle):0.01 % .
Low leakage .
Excellent clamping capability .
Very fast response time: typically less than 1.0ps from 0V to VBR min.
Plastic package has Underwriters Laboratory Flammability 94V-0 .
Halogen free and RoHS compliant .
Meet with ISO 7637-2,ISO 16750,etc .
High reliability application and automotive grade AEC Q101 qualifhed.




Numéro de pièce similaire - 5KP16AS

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
5KP16A SURGE-5KP16A Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP16A TRSYS-5KP16A Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP16A WTE-5KP16A Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
5KP16A RECTRON-5KP16A Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
5KP16A DCCOM-5KP16A Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results


Description similaire - 5KP16AS

FabricantNo de pièceFiches techniqueDescription
logo
Socay Electornics Co., ...
30KPA28A SOCAY-30KPA28A Datasheet
451Kb / 5P
Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
Axial Lead Transient Voltage Suppressors
3KP ANOVA-3KP Datasheet
393Kb / 4P
Axial Lead Transient Voltage Suppressors
30KPA ANOVA-30KPA Datasheet
249Kb / 3P
Axial Lead Transient Voltage Suppressors
P4KE ANOVA-P4KE Datasheet
352Kb / 4P
Axial Lead Transient Voltage Suppressors
P6KE ANOVA-P6KE Datasheet
267Kb / 4P
Axial Lead Transient Voltage Suppressors
SA5.0 ANOVA-SA5.0 Datasheet
354Kb / 4P
Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
15KPA LUGUANG-15KPA Datasheet
874Kb / 3P
Axial Lead Transient Voltage Suppressors
30KPA LUGUANG-30KPA Datasheet
861Kb / 3P
Axial Lead Transient Voltage Suppressors
12KPA LUGUANG-12KPA Datasheet
816Kb / 3P
Axial Lead Transient Voltage Suppressors
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com