Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BPR336F0.039K Fiches technique (PDF) - List of Unclassifed Manufacturers

BPR336F0.039K Datasheet PDF - List of Unclassifed Manufacturers
No de pièce BPR336F0.039K
Télécharger  BPR336F0.039K Télécharger
Taille du fichier   269.63 Kbytes
Page   2 Pages
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers
Description Square metal plate resistor Rectangular Type Metal Plate Resistors

BPR336F0.039K Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
BPR336F0.039K Datasheet PDF - List of Unclassifed Manufacturers

No de pièce BPR336F0.039K
Télécharger  BPR336F0.039K Click to download

Taille du fichier   269.63 Kbytes
Page   2 Pages
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers
Description Square metal plate resistor Rectangular Type Metal Plate Resistors

BPR336F0.039K Fiches technique (HTML) - List of Unclassifed Manufacturers


BPR336F0.039K Détails du produit

■Features
● This is a power type current detection resistor.
● Flame retardant resistor in ceramic case.
● Automatic insertion of terminals with a pitch of 5mm is possible.
(26type, 58type)
● Low inductance.
● Small footprint.
● Power type resistor.
● Flame retardant resistors in Ceramic Case.
● Automatic insertion is applicable.
(26 types, 58 types)
●Low inductance.
● Space saving.




Numéro de pièce similaire - BPR336F0.039K

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
BPR3 TTELEC-BPR3 Datasheet
596Kb / 2P
3W to 50W Planar Shock
BPR3 TTELEC-BPR3 Datasheet
308Kb / 2P
3W to 50W Planar Shock / Vibration Proof High Power Resistors
01.16
BPR30 TTELEC-BPR30 Datasheet
596Kb / 2P
3W to 50W Planar Shock
BPR30 TTELEC-BPR30 Datasheet
308Kb / 2P
3W to 50W Planar Shock / Vibration Proof High Power Resistors
01.16
logo
Bi technologies
BPR30500F BITECH-BPR30500F Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
More results


Description similaire - BPR336F0.039K

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MPC722 ETC1-MPC722 Datasheet
111Kb / 1P
Metal Plate Cement Resistors
logo
CTS Corporation
73M1 CTS-73M1 Datasheet
141Kb / 2P
Metal Plate Current Sensing Resistors
logo
KOA Speer Electronics, ...
BPR26CFT KOA-BPR26CFT Datasheet
94Kb / 3P
rectangular type metal plate resistors
TLRH2H KOA-TLRH2H Datasheet
84Kb / 2P
metal plate chip type lowresistance resistors
logo
MERITEK ELECTRONICS COR...
MPR MERITEK-MPR Datasheet
188Kb / 2P
Metal Plate Resistor Cement Type
logo
KOA Speer Electronics, ...
BPR58CFR10J KOA-BPR58CFR10J Datasheet
252Kb / 2P
rectangular type metal plate resistors
logo
List of Unclassifed Man...
MPR1A ETC-MPR1A Datasheet
1Mb / 2P
METAL PLATE SHUNT RESISTORS
logo
KOA Speer Electronics, ...
TLRH KOA-TLRH Datasheet
573Kb / 2P
metal plate chip type low resistance resistors
logo
Stackpole Electronics, ...
MPR SEI-MPR Datasheet
242Kb / 4P
Flameproof Metal Plate Resistor
12/03/2020
logo
Wurth Elektronik GmbH &...
580060716002 WURTH-580060716002 Datasheet
341Kb / 6P
WRIS-PSMB Metal Plate Resistors
001.000
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com