Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T83SMY6F Fiches technique (PDF) - STMicroelectronics

M41T83SMY6F Datasheet PDF - STMicroelectronics
No de pièce M41T83SMY6F
Télécharger  M41T83SMY6F Télécharger
Taille du fichier   453.21 Kbytes
Page   58 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Serial RTC with battery switchover

M41T83SMY6F Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
M41T83SMY6F Datasheet PDF - STMicroelectronics

No de pièce M41T83SMY6F
Télécharger  M41T83SMY6F Click to download

Taille du fichier   453.21 Kbytes
Page   58 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Serial RTC with battery switchover

M41T83SMY6F Fiches technique (HTML) - STMicroelectronics


M41T83SMY6F Détails du produit

Description
The M41T8x are low power Serial I2C Real Time Clocks with a built-in 32.768kHz oscillator (external crystal-controlled for the QFN16 and SO8 packages, embedded crystal for the SOX18 package). Eight bytes of the Register Map (see Table 2 on page 23) are used for the clock/calendar function and are configured in binary coded decimal (BCD) format. An additional 17 bytes of the Register Map provide status/control of the two Alarms, Watchdog, 8-bit Counter, and Square Wave functions. An additional seven bytes are made available as user SRAM.

Features
■ 2.0 to 5.5V clock operating voltage
■ Ultra-low battery supply current of 365nA
■ Counters for tenths/hundredths of seconds, seconds, minutes, hours, day, date, month, year, and century
■ Programmable clock calibration (analog and digital)
■ Automatic switchover and reset output circuitry (fixed reference)
    – M41T83S
        VCC = 3.00V to 5.50V
        (2.85V ≤ VRST ≤ 3.00V)
    – M41T83R
        VCC = 2.70V to 5.50V
        (2.55V ≤ VRST ≤ 2.70V)
    – M41T83Z
        VCC = 2.38V to 5.50V
        (2.25V ≤ VRST ≤ 2.38V)
■ Serial interface supports I2C Bus (400kHz protocol)
■ Programmable alarm with interrupt function (valid even during battery back-up mode)
■ Optional 2nd programmable alarm available
■ Square wave output defaults to 32KHz on power-up (M41T83 only)
■ RESET (RST) output
■ Watchdog timer
■ Programmable 8-bit counter/timer
■ 7 bytes of battery-backed user SRAM
■ Battery low flag
■ Power-down time stamp (HT bit)
■ Low operating current of 80µA
■ Oscillator stop detection
■ Battery or Super-cap™ back-up
■ Operating temperature of –40°C to 85°C
■ Package options include:
    – a 16-lead QFN (M41T83),
    – an 18-lead embedded crystal SOIC (M41T83), or
    – an 8-lead SOIC (M41T82)
■ RoHS compliance: lead-free components are compliant with the RoHS directive.




Numéro de pièce similaire - M41T83SMY6F

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M41T83SMY6F STMICROELECTRONICS-M41T83SMY6F Datasheet
989Kb / 61P
Serial I2C bus RTC with battery switchover
19-Oct-2010
M41T83SMY6F STMICROELECTRONICS-M41T83SMY6F Datasheet
1Mb / 64P
Serial I2C bus real-time clock (RTC) with battery switchover
08-Apr-2024
More results


Description similaire - M41T83SMY6F

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
Security Supervisor with Battery Switchover
Jan-2006
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
Serial SPI bus RTC with battery switchover
07-Aug-2006
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
Serial SPI bus RTC with battery switchover
22-Oct-2007
M41T82 STMICROELECTRONICS-M41T82_08 Datasheet
465Kb / 58P
Serial I2C bus RTC with battery switchover
17-Apr-2008
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
Serial SPI bus RTC with battery switchover
15-Aug-2008
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
Serial I2C bus RTC with battery switchover
19-Oct-2010
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
Serial I2C bus real-time clock (RTC) with battery switchover
26-Oct-2012
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
Serial SPI bus real-time clock with battery switchover
12-Oct-2011
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.