Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT2G32DP Fiches technique (PDF) - Nexperia B.V. All rights reserved

74AHCT2G32DP Datasheet PDF - Nexperia B.V. All rights reserved
No de pièce 74AHCT2G32DP
Télécharger  74AHCT2G32DP Télécharger
Taille du fichier   211.6 Kbytes
Page   11 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 2-input OR gate

74AHCT2G32DP Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
74AHCT2G32DP Datasheet PDF - Nexperia B.V. All rights reserved

No de pièce 74AHCT2G32DP
Télécharger  74AHCT2G32DP Click to download

Taille du fichier   211.6 Kbytes
Page   11 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 2-input OR gate

74AHCT2G32DP Fiches technique (HTML) - Nexperia B.V. All rights reserved


74AHCT2G32DP Détails du produit

1. General description
The 74AHC2G32; 74AHCT2G32 are high-speed Si-gate CMOS devices. They provide two 2-input
OR gates.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V
2. Features and benefits
• Symmetrical output impedance
• High noise immunity
• ESD protection:
• • HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Low power dissipation
• Balanced propagation delays
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Numéro de pièce similaire - 74AHCT2G32DP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT2G32DP PHILIPS-74AHCT2G32DP Datasheet
85Kb / 16P
Dual 2-input OR gate
Rev. 01-23 February 2004
74AHCT2G32DP NXP-74AHCT2G32DP Datasheet
90Kb / 13P
Dual 2-input OR gate
Rev. 02-20 January 2009
logo
Nexperia B.V. All right...
74AHCT2G32DP-Q100 NEXPERIA-74AHCT2G32DP-Q100 Datasheet
212Kb / 11P
Automotive product qualification in accordance with AEC-Q100
74AHCT2G32DP-Q100 NEXPERIA-74AHCT2G32DP-Q100 Datasheet
211Kb / 11P
Dual 2-input OR gate
Rev. 3 - 18 December 2018
More results


Description similaire - 74AHCT2G32DP

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
Dual 2-input OR gate
Rev. 01-23 February 2004
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
DUAL 2-INPUT OR GATE
Mar-2004
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
DUAL 2-INPUT OR GATE
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
Dual 2-input OR Gate
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
DUAL 2-INPUT OR GATE
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
DUAL 2-INPUT OR GATE
Rev 1
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
Dual 2-input OR gate
Rev. 15 - 23 June 2022
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com