Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT2G34 Fiches technique (PDF) - Nexperia B.V. All rights reserved

74HCT2G34 Datasheet PDF - Nexperia B.V. All rights reserved
No de pièce 74HCT2G34
Télécharger  74HCT2G34 Télécharger
Taille du fichier   225.33 Kbytes
Page   13 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual buffer gate

74HCT2G34 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
74HCT2G34 Datasheet PDF - Nexperia B.V. All rights reserved

No de pièce 74HCT2G34
Télécharger  74HCT2G34 Click to download

Taille du fichier   225.33 Kbytes
Page   13 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual buffer gate

74HCT2G34 Fiches technique (HTML) - Nexperia B.V. All rights reserved


74HCT2G34 Détails du produit

1. General description
The 74HC2G34; 74HCT2G34 is a dual buffer. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• High noise immunity
• CMOS low power dissipation
• Balanced propagation delays
• Unlimited input rise and fall times
• Input levels:
• For 74HC2G34: CMOS level
• For 74HCT2G34: TTL level
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114-D exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Numéro de pièce similaire - 74HCT2G34

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT2G34 NXP-74HCT2G34 Datasheet
86Kb / 14P
Dual buffer gate
Rev. 01-6 October 2006
74HCT2G34GV NXP-74HCT2G34GV Datasheet
86Kb / 14P
Dual buffer gate
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HCT2G34GV NEXPERIA-74HCT2G34GV Datasheet
624Kb / 14P
Dual buffer gate
Rev. 01 6 October 2006
74HCT2G34GV-Q100 NEXPERIA-74HCT2G34GV-Q100 Datasheet
706Kb / 15P
Dual buffer gate
logo
NXP Semiconductors
74HCT2G34GW NXP-74HCT2G34GW Datasheet
86Kb / 14P
Dual buffer gate
Rev. 01-6 October 2006
More results


Description similaire - 74HCT2G34

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
DUAL BUFFER GATE
2004 Sep 10
logo
Texas Instruments
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
DUAL BUFFER GATE
logo
NXP Semiconductors
74HC2G34 NXP-74HC2G34 Datasheet
86Kb / 14P
Dual buffer gate
Rev. 01-6 October 2006
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34_10 Datasheet
146Kb / 17P
Dual buffer gate
Rev. 5-2 September 2010
logo
Texas Instruments
SN74LVC2G34-EP TI1-SN74LVC2G34-EP Datasheet
538Kb / 12P
DUAL BUFFER GATE
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
Dual Buffer Gate
logo
Nexperia B.V. All right...
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
Dual buffer gate
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
Dual buffer gate
Rev. 12 - 20 January 2022
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com