Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CKL5AD6M1031P Fiches technique (PDF) - Lorlin Electronics Ltd.

CKL5AD6M1031P Datasheet PDF - Lorlin Electronics Ltd.
No de pièce CKL5AD6M1031P
Télécharger  CKL5AD6M1031P Télécharger
Taille du fichier   690.55 Kbytes
Page   2 Pages
Fabricant  LORLIN [Lorlin Electronics Ltd.]
Site Internet  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description CKL5 LOCK SWITCH WITH SNAP ON CK SWITCH MODULE

CKL5AD6M1031P Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
CKL5AD6M1031P Datasheet PDF - Lorlin Electronics Ltd.

No de pièce CKL5AD6M1031P
Télécharger  CKL5AD6M1031P Click to download

Taille du fichier   690.55 Kbytes
Page   2 Pages
Fabricant  LORLIN [Lorlin Electronics Ltd.]
Site Internet  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description CKL5 LOCK SWITCH WITH SNAP ON CK SWITCH MODULE

CKL5AD6M1031P Fiches technique (HTML) - Lorlin Electronics Ltd.


CKL5AD6M1031P Détails du produit

FEATURES
All contacts are non-shorting
BBM (break before make)
30°, 60° or 90° switch indexing
5-disc lock
Master key system available
Single wafer switch
Up to 4 poles per switch
Solder or PCB terminals
Gold flashed or gold
plated also available
2 keys per switch as standard
Key inserted/removeable in 60°
or 90° steps
Common or differ keys
200 combinations
Two stage assembly: Lock
through front and the module
snaps on from the inside
Max panel thickness 3.4mm




Numéro de pièce similaire - CKL5AD6M1031P

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CKL COMCHIP-CKL Datasheet
109Kb / 2P
ESD / Transient Suppressor
logo
GREATECS
CKL GREATECS-CKL Datasheet
789Kb / 1P
High Security Keylock Switches with 횠19mm Bushing
logo
Lorlin Electronics Ltd.
CKL LORLIN-CKL Datasheet
686Kb / 2P
CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
logo
Nihon Kaiheiki Industry...
CKL12AFW01 NKK-CKL12AFW01 Datasheet
256Kb / 6P
High Security Keylocks
logo
GREATECS
CKL12AFW01 GREATECS-CKL12AFW01 Datasheet
789Kb / 1P
High Security Keylock Switches with 횠19mm Bushing
More results


Description similaire - CKL5AD6M1031P

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
K5A22N ITT-K5A22N Datasheet
186Kb / 2P
Snap Action Key Switch Switch
logo
C&K Components
K5A2 CK-COMPONENTS-K5A2 Datasheet
155Kb / 2P
Snap Action Key Switch Switch
logo
List of Unclassifed Man...
CK1048 ETC1-CK1048 Datasheet
922Kb / 4P
CK ROTARY SWITCH
logo
Lorlin Electronics Ltd.
CKAAAAAA LORLIN-CKAAAAAA Datasheet
924Kb / 4P
CK ROTARY SWITCH
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL LORLIN-CKL Datasheet
686Kb / 2P
CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
RAL LORLIN-RAL Datasheet
1Mb / 4P
RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
RALM LORLIN-RALM Datasheet
825Kb / 3P
RAL LOCK SWITCH WITH A MAINSWITCH MODULE
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com