Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HEF4555B Fiches technique (PDF) - Nexperia B.V. All rights reserved

HEF4555B Datasheet PDF - Nexperia B.V. All rights reserved
No de pièce HEF4555B
Télécharger  HEF4555B Télécharger
Taille du fichier   207.32 Kbytes
Page   10 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-of-4 decoder/demultiplexer

HEF4555B Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HEF4555B Datasheet PDF - Nexperia B.V. All rights reserved

No de pièce HEF4555B
Télécharger  HEF4555B Click to download

Taille du fichier   207.32 Kbytes
Page   10 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-of-4 decoder/demultiplexer

HEF4555B Fiches technique (HTML) - Nexperia B.V. All rights reserved


HEF4555B Détails du produit

1. General description
The HEF4555B contains two 1-of-4 decoders/demultiplexers. Each has two address inputs (nA0
and nA1, an active LOW enable input (nE) and four mutually exclusive outputs which are active
HIGH (nY0 to nY3). When used as a decoder, nE when HIGH, forces nY0 to nY3 LOW. When used
as a demultiplexer, the appropriate output is selected by the information on nA0 and nA1 with nE
as data input. All unselected outputs are LOW.
It operates over a recommended VDD power supply range of 3 V to 15 V referenced to VSS (usually
ground). Unused inputs must be connected to VDD, VSS, or another input.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C
3. Applications
• Code conversion
• Address decoding
• Demultiplexing: when using the enable input as data input




Numéro de pièce similaire - HEF4555B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
Dual 1-of-4 decoder/demultiplexer
January 1995
logo
Nexperia B.V. All right...
HEF4555B-Q100 NEXPERIA-HEF4555B-Q100 Datasheet
195Kb / 10P
1-of-4 decoder/demultiplexer
logo
NXP Semiconductors
HEF4555BD PHILIPS-HEF4555BD Datasheet
36Kb / 4P
Dual 1-of-4 decoder/demultiplexer
January 1995
HEF4555BF PHILIPS-HEF4555BF Datasheet
36Kb / 4P
Dual 1-of-4 decoder/demultiplexer
January 1995
HEF4555BN PHILIPS-HEF4555BN Datasheet
36Kb / 4P
Dual 1-of-4 decoder/demultiplexer
January 1995
More results


Description similaire - HEF4555B

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
Dual 1-of-4 decoder/demultiplexer
January 1995
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
Dual 1-of-4 Decoder/Demultiplexer
logo
NXP Semiconductors
HEF4555B PHILIPS-HEF4555B_15 Datasheet
144Kb / 13P
1-of-4 decoder/demultiplexer
Rev. 5-18 November 2011
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
logo
Nexperia B.V. All right...
HEF4555B-Q100 NEXPERIA-HEF4555B-Q100 Datasheet
195Kb / 10P
1-of-4 decoder/demultiplexer
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com