Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZU3.6BL Fiches technique (PDF) - Nexperia B.V. All rights reserved

PZU3.6BL Datasheet PDF - Nexperia B.V. All rights reserved
No de pièce PZU3.6BL
Télécharger  PZU3.6BL Télécharger
Taille du fichier   261.27 Kbytes
Page   12 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Zener diodes in a SOD882 package

PZU3.6BL Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
PZU3.6BL Datasheet PDF - Nexperia B.V. All rights reserved

No de pièce PZU3.6BL
Télécharger  PZU3.6BL Click to download

Taille du fichier   261.27 Kbytes
Page   12 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Zener diodes in a SOD882 package

PZU3.6BL Fiches technique (HTML) - Nexperia B.V. All rights reserved


PZU3.6BL Détails du produit

1.1. General description
General-purpose Zener diodes in a SOD882 leadless ultra small Surface-Mounted Device (SMD)
plastic package.

1.2. Features
• Non-repetitive peak rerverse power dissipation: PZSM ≤ 40 W
• Total power dissipation: Ptot ≤ 250 mW
• Tolerance series: B: approximately ±5 %; B2: approximately ±2 %
• Wide working voltage range: nominal 2.4 V to 36 V (E24 range)
• Low reverse current IR range
• Small plastic package suitable for surface-mounted design
• AEC-Q101 qualified

1.3. Applications
• General regulation functions




Numéro de pièce similaire - PZU3.6BL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZU3.6BL NXP-PZU3.6BL Datasheet
133Kb / 13P
Single Zener diodes
Rev. 01-6 May 2008
logo
TECH PUBLIC Electronics...
PZU3.6BL TECHPUBLIC-PZU3.6BL Datasheet
1Mb / 3P
SOD882 Surface Mount Zener Voltage Regulators
More results


Description similaire - PZU3.6BL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZT52H PHILIPS-BZT52H Datasheet
289Kb / 10P
Single Zener diodes in a SOD123F package
Rev. 01-22 December 2005
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
PESDXS1UL NXP-PESDXS1UL Datasheet
115Kb / 13P
ESD protection diodes in a SOD882 package
Rev. 02-20 August 2009
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com