Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U444-06N-HD8K6W Fiches technique (PDF) - Tripp Lite. All Rights Reserved

U444-06N-HD8K6W Datasheet PDF - Tripp Lite. All Rights Reserved
No de pièce U444-06N-HD8K6W
Télécharger  U444-06N-HD8K6W Télécharger
Taille du fichier   41.3 Kbytes
Page   4 Pages
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description USB-C to HDMI Adapter (M/F) - 8K 60 Hz, HDR, 4:4:4, HDCP 2.3, White

U444-06N-HD8K6W Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
U444-06N-HD8K6W Datasheet PDF - Tripp Lite. All Rights Reserved

No de pièce U444-06N-HD8K6W
Télécharger  U444-06N-HD8K6W Click to download

Taille du fichier   41.3 Kbytes
Page   4 Pages
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description USB-C to HDMI Adapter (M/F) - 8K 60 Hz, HDR, 4:4:4, HDCP 2.3, White

U444-06N-HD8K6W Fiches technique (HTML) - Tripp Lite. All Rights Reserved


U444-06N-HD8K6W Détails du produit

Features
USB-C to HDMI Converter Connects a USB-C or Thunderbolt Port to an 8K Monitor
This USB Type-C to HDMI adapter (M/F) connects to an 8K-capable HDMI cable to add an HDMI monitor,
projector or television to the USB-C, Thunderbolt 3 or Thunderbolt 4 port on your MacBook Pro or
Windows laptop. It’s an ideal connector for Ultra HD video applications, including editing professional
video or digital artwork, upgrading your trade show or conference presentations, playing online games or
watching movies on a larger 8K screen.
Supports USB-C DisplayPort Alternate Mode for Converting Audio/Video Signals
By connecting the USB-C cable to a source device that supports USB DisplayPort Alt Mode, you can
output 8K video and digital audio to an HDMI monitor, television or projector without installing special
software drivers.
Transmits Crystal-Clear 8K Video with HDR and 4:4:4 Color
The U444-06N-HD8K6W supports 8K video resolutions up to 7680 x 4320 at 60 Hz, as well as HDR
video, providing a wide range of vibrant colors with richer contrast, brighter whites and deeper blacks that
pop on your 8K display. HDCP 2.3 compliance allows you to stream Amazon and Netflix content with no
complications. This adapter also supports 4:4:4 chroma subsampling for top-level PC gaming or using
your HDTV as a PC monitor.
Ready to Use Right from the Package, So You Can Plug and Play Immediately
The plug-and-play USB Type-C to HDMI adapter requires no software or external power. Just connect the
USB-C plug to the USB-C, Thunderbolt 3 or Thunderbolt 4 port on a source device that supports USB
DisplayPort Alternate Mode, and connect the HDMI port to your 8K display using an 8K-capable HDMI
cable (sold separately). This adapter is backward compatible with 1080p and 4K displays, allowing you to
use it with older equipment.




Numéro de pièce similaire - U444-06N-HD8K6W

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
U444-06N-HD TRIPPLITE-U444-06N-HD Datasheet
165Kb / 3P
USB 3.1 Gen 1 USB-C to HDMI Adapter (M/F), Thunderbolt 3 Compatible, 2048 x 1152 (1080p)
U444-06N-HD-AM TRIPPLITE-U444-06N-HD-AM Datasheet
164Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatible, 4K @24/25/30Hz
U444-06N-HD4K6B TRIPPLITE-U444-06N-HD4K6B Datasheet
166Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
U444-06N-HD4K6W TRIPPLITE-U444-06N-HD4K6W Datasheet
163Kb / 3P
USB-C 3.1 to HDMI 4K Adapter, M/F, Thunderbolt 3 Compatible, 4K @ 60 Hz, White
U444-06N-HDB-AM TRIPPLITE-U444-06N-HDB-AM Datasheet
163Kb / 3P
USB-C to HDMI Adapter ??M/F, Thunderbolt 3, USB 3.1, 4K x 2K @ 24/25/30 Hz, Black
More results


Description similaire - U444-06N-HD8K6W

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
U444-06N-HDR-W TRIPPLITE-U444-06N-HDR-W Datasheet
158Kb / 3P
USB-C to HDMI 4K Adapter with HDR - M/F, USB 3.1, Thunderbolt 3 Compatible, 4K @ 60 Hz, White
P136-06N-HDR-W TRIPPLITE-P136-06N-HDR-W Datasheet
163Kb / 3P
DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, HDCP 2.2, White
U444-2DP-MST4K6 TRIPPLITE-U444-2DP-MST4K6 Datasheet
169Kb / 4P
USB-C Adapter, Dual Display - 4K 60 Hz DisplayPort, 8K, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
U444-2H-MST4K6 TRIPPLITE-U444-2H-MST4K6 Datasheet
169Kb / 4P
USB-C Adapter, Dual Display - 4K 60 Hz HDMI, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
U444-3DP-MST TRIPPLITE-U444-3DP-MST Datasheet
168Kb / 4P
USB-C Adapter, Triple Display - 4K 60 Hz DisplayPort, 8K, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
U444-3H-MST TRIPPLITE-U444-3H-MST Datasheet
168Kb / 4P
USB-C Adapter, Triple Display - 4K 60 Hz HDMI, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
P569-010-MF-ACT TRIPPLITE-P569-010-MF-ACT Datasheet
43Kb / 3P
HDMI Extension Cable with Active Repeater (M/F), 4K 60 Hz, HDR, 4:4:4, HDCP 2.2, 10 ft. (3.1 m), TAA
P569-015-MF-ACT TRIPPLITE-P569-015-MF-ACT Datasheet
43Kb / 3P
HDMI Extension Cable with Active Repeater (M/F), 4K 60 Hz, HDR, 4:4:4, HDCP 2.2, 15 ft. (4.6 m), TAA
P569-020-MF-ACT TRIPPLITE-P569-020-MF-ACT Datasheet
44Kb / 3P
HDMI Extension Cable with Active Repeater (M/F), 4K 60 Hz, HDR, 4:4:4, HDCP 2.2, 20 ft. (6.1 m), TAA
P580-009-8K6 TRIPPLITE-P580-009-8K6 Datasheet
50Kb / 3P
DisplayPort Cable with Latching Connectors (M/M), 8K 60 Hz, HDR, HBR3, 4:4:4, HDCP 2.2, 9 ft. (2.7 m)
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com