Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PESD24VS1ULS Fiches technique (PDF) - Nexperia B.V. All rights reserved

PESD24VS1ULS Datasheet PDF - Nexperia B.V. All rights reserved
No de pièce PESD24VS1ULS
Télécharger  PESD24VS1ULS Télécharger
Taille du fichier   227.85 Kbytes
Page   11 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Unidirectional ESD protection diode

PESD24VS1ULS Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
PESD24VS1ULS Datasheet PDF - Nexperia B.V. All rights reserved

No de pièce PESD24VS1ULS
Télécharger  PESD24VS1ULS Click to download

Taille du fichier   227.85 Kbytes
Page   11 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Unidirectional ESD protection diode

PESD24VS1ULS Fiches technique (HTML) - Nexperia B.V. All rights reserved


PESD24VS1ULS Détails du produit

1. General description
Unidirectional ElectroStatic Discharge (ESD) protection diode designed to protect one signal line
from the damage caused by ESD and other transients. The device is housed in a leadless ultra
small DFN1006BD-2 (SOD882BD) Surface-Mounted Device (SMD) plastic package with sidewettable
flanks (SWF).

2. Features and benefits
• ESD protection of one line
• ESD protection up to 23 kV
• Ultra small SMD plastic package
• IEC 61000-4-2; level 4 (ESD)
• Side wettable flanks
• IEC 61000-4-5 (surge); IPP = 4.5 A
• Low clamping voltage: VCL = 60 V
• Ultra low leakage current: IRM < 1 nA
• AEC-Q101 qualified

3. Applications
• Computers and peripherals
• Audio and video equipment
• Communication systems
• Portable electronics




Numéro de pièce similaire - PESD24VS1ULS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PESD24VS1UL NXP-PESD24VS1UL Datasheet
115Kb / 13P
ESD protection diodes in a SOD882 package
Rev. 02-20 August 2009
PESD24VS1UL NXP-PESD24VS1UL Datasheet
313Kb / 15P
Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
logo
Nexperia B.V. All right...
PESD24VS1UL NEXPERIA-PESD24VS1UL Datasheet
438Kb / 16P
Unidirectional ESD protection diodes
Rev. 3 - 25 October 2011
logo
TECH PUBLIC Electronics...
PESD24VS1UL TECHPUBLIC-PESD24VS1UL Datasheet
1Mb / 4P
I-Line Uni-directional TVS Diode
logo
Nexperia B.V. All right...
PESD24VS1UL-Q NEXPERIA-PESD24VS1UL-Q Datasheet
269Kb / 12P
Unidirectional ESD protection diode
25 November 2022
More results


Description similaire - PESD24VS1ULS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PESD36VS1UL NXP-PESD36VS1UL Datasheet
502Kb / 11P
Unidirectional ESD protection diode
Rev. 1-5 March 2012
PESD24VS1ULD PHILIPS-PESD24VS1ULD Datasheet
312Kb / 12P
Unidirectional ESD protection diode
Rev. 1-19 October 2010
PESD12VS1ULD PHILIPS-PESD12VS1ULD_15 Datasheet
309Kb / 12P
Unidirectional ESD protection diode
Rev. 1-11 May 2011
PESD15VS1ULD PHILIPS-PESD15VS1ULD Datasheet
307Kb / 12P
Unidirectional ESD protection diode
Rev. 1-11 May 2011
logo
Nexperia B.V. All right...
PESD24VS1UA NEXPERIA-PESD24VS1UA Datasheet
987Kb / 13P
Unidirectional ESD protection diode
PESD36VS1UJ NEXPERIA-PESD36VS1UJ Datasheet
218Kb / 10P
Unidirectional ESD protection diode
PESD24VS1UA-Q NEXPERIA-PESD24VS1UA-Q Datasheet
237Kb / 12P
Unidirectional ESD protection diode
5 May 2022
PESD36VS1UJ-Q NEXPERIA-PESD36VS1UJ-Q Datasheet
233Kb / 11P
Unidirectional ESD protection diode
1 June 2022
PESD8V0S1ULD-Q NEXPERIA-PESD8V0S1ULD-Q Datasheet
298Kb / 12P
Unidirectional ESD protection diode
5 May 2022
PESD15VS1ULD NEXPERIA-PESD15VS1ULD Datasheet
871Kb / 12P
Unidirectional ESD protection diode
Rev. 1 - 11 May 2011
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com