Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6986I Fiches technique (PDF) - STMicroelectronics

L6986I Datasheet PDF - STMicroelectronics
No de pièce L6986I_V01
Télécharger  L6986I Télécharger
Taille du fichier   5929.1 Kbytes
Page   60 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 38 V, 5 W synchronous iso-buck converter for isolated applications

L6986I Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
L6986I Datasheet PDF - STMicroelectronics

No de pièce L6986I_V01
Télécharger  L6986I Click to download

Taille du fichier   5929.1 Kbytes
Page   60 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 38 V, 5 W synchronous iso-buck converter for isolated applications

L6986I Fiches technique (HTML) - STMicroelectronics


L6986I Détails du produit

Features
• Designed for iso-buck topology
• 4 V to 38 V operating input voltage
• Primary output voltage regulation / no optocoupler required
• 1.9 A typical sink peak primary current capability
• Peak current mode architecture in forced PWM operation
• 300 ns blanking time
• 8 μA IQ-SHTDWN
• Adjustable fSW and synchronization
• Embedded primary output voltage supervisor
• Adjustable soft-start time
• Internal primary current limiting
• Overvoltage protection
• RDS(on) HS = 180 mΩ, RDS(on) LS = 150 mΩ
• Thermal shutdown
Applications
• Isolated power supply for SiC MOSFET and IGBT drivers
• Isolated power supply for isolated interfaces (RS232, I2C, SPI, etc.)
• EV chargers
• Motor drivers
• Automation
• UPS
• Solar converters
• Welding
Description
The L6986I is a device specifically designed for the isolated buck topology. Due to
the P-Channel MOSFET as high-side power switch the device features 100% duty
cycle operation. The primary output voltage can be accurately adjusted, whereas
the isolated secondary output is derived by using a given transformer ratio. No
optocoupler is required. The primary sink capability up to 1.9 A (even during softstart)
allows a proper energy transfer to the secondary side as well as enables a
tracked soft-start of the secondary output. The control loop is based on a peak
current mode architecture and the device operates in forced PWM. The 300 ns
blanking time filters oscillations, generated by the transformer leakage inductance,
making the solution more robust. Pulse by pulse current sensing on both power
elements implements an effective constant current protection in the primary side.
Due to the primary reverse current limit, the secondary output is protected against
short circuit events. A primary output voltage supervisor, which notifies primary output
voltage regulation through the RST open collector output, overvoltage protection,
adjustable switching frequency, synchronization and a programmable soft-start are
also available.




Numéro de pièce similaire - L6986I_V01

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6986ITR STMICROELECTRONICS-L6986ITR Datasheet
5Mb / 60P
38 V, 5 W synchronous iso-buck converter for isolated applications
Rev 1
More results


Description similaire - L6986I_V01

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC3444 LINER-LTC3444 Datasheet
209Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
logo
ON Semiconductor
CS51312 ONSEMI-CS51312 Datasheet
552Kb / 22P
Synchronous CPU Buck Controller for 12 V Only Applications
July, 2006 ??Rev. 3
logo
Linear Technology
LTC3444 LINER-LTC3444_15 Datasheet
214Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
logo
ON Semiconductor
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
logo
STMicroelectronics
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
A6986I STMICROELECTRONICS-A6986I Datasheet
6Mb / 62P
Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
Rev 2
L6986I STMICROELECTRONICS-L6986I Datasheet
5Mb / 60P
38 V, 5 W synchronous iso-buck converter for isolated applications
Rev 1
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
STEVAL-A6986IV2 STMICROELECTRONICS-STEVAL-A6986IV2 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with single isolated output based on the A6986I
08-Mar-2021
L6983I STMICROELECTRONICS-L6983I Datasheet
17Mb / 56P
38 V, 10 W synchronous iso-buck converter for isolated applications
04-Oct-2022
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.