Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PBRN113ET-Q Fiches technique (PDF) - Nexperia B.V. All rights reserved

PBRN113ET-Q Datasheet PDF - Nexperia B.V. All rights reserved
No de pièce PBRN113ET-Q
Télécharger  PBRN113ET-Q Télécharger
Taille du fichier   270.15 Kbytes
Page   13 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 600 mA NPN PB RET; R1 = 1 kΩ, R2 = 1 kΩ

PBRN113ET-Q Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
PBRN113ET-Q Datasheet PDF - Nexperia B.V. All rights reserved

No de pièce PBRN113ET-Q
Télécharger  PBRN113ET-Q Click to download

Taille du fichier   270.15 Kbytes
Page   13 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 600 mA NPN PB RET; R1 = 1 kΩ, R2 = 1 kΩ

PBRN113ET-Q Fiches technique (HTML) - Nexperia B.V. All rights reserved


PBRN113ET-Q Détails du produit

1. General description
NPN low VCEsat Performance-Based (PB) Resistor-Equipped Transistor (RET) in a small SOT23
(TO-236AB) Surface-Mounted Device (SMD) plastic package.
PNP complement: PBRP113ET-Q

2. Features and benefits
• 600 mA output current capability
• Low collector-emitter saturation voltage VCEsat
• High current gain hFE
• Reduces component count
• Built-in bias resistors
• Reduces pick and place costs
• Simplifies circuit design
• ± 10 % resistor ratio tolerance
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Digital application in automotive and industrial segments
• Switching loads
• Medium current peripheral driver




Numéro de pièce similaire - PBRN113ET-Q

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PBRN113ET NXP-PBRN113ET Datasheet
159Kb / 17P
NPN 800 mA, 40 V BISS RETs; R1 = 1 k?? R2 = 1 k?
Rev. 01-1 March 2007
logo
Nexperia B.V. All right...
PBRN113ET NEXPERIA-PBRN113ET Datasheet
268Kb / 12P
40 V, 600 mA NPN PB RET; R1 = 1 kΩ, R2 = 1 kΩ
31 March 2021
PBRN113ET NEXPERIA-PBRN113ET Datasheet
777Kb / 17P
NPN 800 mA, 40 V BISS RETs; R1 = 1 kW, R2 = 1 kW
Rev. 01 - 1 March 2007
More results


Description similaire - PBRN113ET-Q

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
PBRN113ET NEXPERIA-PBRN113ET Datasheet
268Kb / 12P
40 V, 600 mA NPN PB RET; R1 = 1 kΩ, R2 = 1 kΩ
31 March 2021
PBRN113ZT-Q NEXPERIA-PBRN113ZT-Q Datasheet
273Kb / 13P
40 V, 600 mA NPN PB RET; R1 = 1 kΩ, R2 = 10 kΩ
5 May 2021
PBRN113ZT NEXPERIA-PBRN113ZT Datasheet
271Kb / 12P
40 V, 600 mA NPN PB RET; R1 = 1 kΩ, R2 = 10 kΩ
31 March 2021
PBRN123ET-Q NEXPERIA-PBRN123ET-Q Datasheet
270Kb / 13P
40 V, 600 mA NPN PB RET; R1 = 2.2 kΩ, R2 = 2.2 kΩ
6 May 2021
PBRN123YT-Q NEXPERIA-PBRN123YT-Q Datasheet
273Kb / 13P
40 V, 600 mA NPN PB RET; R1 = 2.2 kΩ, R2 = 10 kΩ
6 May 2021
PBRN123YT NEXPERIA-PBRN123YT Datasheet
271Kb / 12P
40 V, 600 mA NPN PB RET; R1 = 2.2 kΩ, R2 = 10 kΩ
31 March 2021
PBRP113ET-Q NEXPERIA-PBRP113ET-Q Datasheet
268Kb / 13P
40 V, 600 mA PNP PB RET; R1 = 1 kΩ, R2 = 1 kΩ
6 May 2021
PBRP113ET NEXPERIA-PBRP113ET Datasheet
266Kb / 12P
40 V, 600 mA PNP PB RET; R1 = 1 kΩ, R2 = 1 kΩ
31 March 2021
PBRP113ZT-Q NEXPERIA-PBRP113ZT-Q Datasheet
272Kb / 13P
40 V, 600 mA PNP PB RET; R1 = 1 kΩ, R2 = 10 kΩ
6 May 2021
PBRP113ZT NEXPERIA-PBRP113ZT Datasheet
270Kb / 12P
40 V, 600 mA PNP PB RET; R1 = 1 kΩ, R2 = 10 kΩ
31 March 2021
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com