Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM066S-V0T Fiches technique (PDF) - STMicroelectronics

STPM066S-V0T Datasheet PDF - STMicroelectronics
No de pièce STPM066S-V0T
Télécharger  STPM066S-V0T Télécharger
Taille du fichier   877.49 Kbytes
Page   67 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power management for automotive vision and radar systems

STPM066S-V0T Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STPM066S-V0T Datasheet PDF - STMicroelectronics

No de pièce STPM066S-V0T
Télécharger  STPM066S-V0T Click to download

Taille du fichier   877.49 Kbytes
Page   67 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power management for automotive vision and radar systems

STPM066S-V0T Fiches technique (HTML) - STMicroelectronics


STPM066S-V0T Détails du produit

Features
• AEC-Q100 qualified
• Pre SMPS BUCK regulator, adjustable via OTP to 1.0 V, 1.1 V, 1.2 V, 1.35 V,
1.5 V, 3.3 V, 3.6 V, 5.0 V at 1.35/2.6 A min peak current limit, 0.4/2.4 MHz
• Post SMPS BOOST regulator, adjustable via OTP to 5.0 V at 0.3 A max load
current, 7.0 V at 0.2 A max load current, 2.4 MHz
• Post Linear regulator LDO, adjustable via OTP to 1.2 V, 1.25 V, 1.3 V, 1.8 V,
2.5 V, 2.8 V, 3.3 V, 5.0 V at 300/600 mA max load current
• Precise Voltage reference, adjustable via OTP to 1.8 V, 2.5 V, 3.3 V,
4.1 V at 20 mA max load current
• SPI interface with CRC
• Programmable slew rate/soft start
• Voltage supervisors
• Spread frequency spectrum
• Reset and reset sensitivity list
• Adjustable window watchdog supervisors
• Programmed power up phase via OTP
• Short circuit protected outputs and Fault detection pin to Microcontroller
• Low external components number
• Thermal shutdown junction temperature 175 °C

Description
STPM066S is a multiple voltage regulator composed by one battery compatible
BUCK pre-regulator, one BOOST, one LDO and a precise voltage reference
regulator. All the regulators have internal power switches.
OTP (One Time Programmable) cells are used for the main device parameters
programming (output voltages and currents, switching frequencies) and to configure
the power up sequence.
An SPI interface can be used to enable or disable the single voltage regulators, for
diagnostic information and to program internal blocks parameters (monitor and Power
Good thresholds, slew rate, etc.).
The device offers a set of features to support applications that need to fulfill functional
safety requirements as defined by Automotive Safety Integrity Level (ASIL) A-B-C-D.




Numéro de pièce similaire - STPM066S-V0T

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM01 STMICROELECTRONICS-STPM01 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
More results


Description similaire - STPM066S-V0T

FabricantNo de pièceFiches techniqueDescription
logo
Balluff Korea Ltd.
BAE000F BALLUFF-BAE000F Datasheet
104Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE00C5 BALLUFF-BAE00C5 Datasheet
103Kb / 2P
Lighting for Vision Systems
0.67_2021-10-12
BAE00FR BALLUFF-BAE00FR Datasheet
120Kb / 3P
Lighting for Vision Systems
0.72_2021-10-12
BAE00H2 BALLUFF-BAE00H2 Datasheet
116Kb / 2P
Lighting for Vision Systems
0.65_2021-10-12
BAE00JE BALLUFF-BAE00JE Datasheet
116Kb / 3P
Lighting for Vision Systems
0.67_2021-10-12
BAE00KF BALLUFF-BAE00KF Datasheet
105Kb / 2P
Lighting for Vision Systems
0.62_2021-10-12
BAE00NT BALLUFF-BAE00NT Datasheet
115Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE00P0 BALLUFF-BAE00P0 Datasheet
119Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE011P BALLUFF-BAE011P Datasheet
126Kb / 2P
Lighting for Vision Systems
0.26_2021-10-12
logo
STMicroelectronics
L5965 STMICROELECTRONICS-L5965 Datasheet
1Mb / 85P
Power management for automotive vision and radar systems
09-May-2019
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.