Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKY-6420-R48A1 Fiches technique (PDF) - Advantech Co., Ltd.

SKY-6420-R48A1 Datasheet PDF - Advantech Co., Ltd.
No de pièce SKY-6420-R48A1
Télécharger  SKY-6420-R48A1 Télécharger
Taille du fichier   2059.67 Kbytes
Page   2 Pages
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 10 x PCIe x16 Double-Deck Cards Plus 1 x PCIe x16 and 1 x PCIe x8 Single-Deck Cards

SKY-6420-R48A1 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SKY-6420-R48A1 Datasheet PDF - Advantech Co., Ltd.

No de pièce SKY-6420-R48A1
Télécharger  SKY-6420-R48A1 Click to download

Taille du fichier   2059.67 Kbytes
Page   2 Pages
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 10 x PCIe x16 Double-Deck Cards Plus 1 x PCIe x16 and 1 x PCIe x8 Single-Deck Cards

SKY-6420-R48A1 Fiches technique (HTML) - Advantech Co., Ltd.


SKY-6420-R48A1 Détails du produit

Features
ƒ Processor: Dual 2nd Gen Intel® Xeon® Scalable Processors
ƒ Memory: 24 x DDR4 2666/2933 MHz ECC RDIMM/LRDIMM / Intel Optane
DC Persistent Memory, up to 6TB
ƒ Remote Management: IPMI function support
ƒ Expansion: Supporting 10 * PCIe x16 double-deck card with peer to peer
feature + 1* PCIe x16 single-deck FH/HL card + 1*PCIe x8 card
ƒ PSU: 4800W 3+1 redundant power supply with 80 PLUS Platinum level
certification
ƒ Easy maintenance system fan: 6 x 12CM system fan with Hot-Swappable
feature




Numéro de pièce similaire - SKY-6420-R48A1

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
SKY-640-2R20A1 ADVANTECH-SKY-640-2R20A1 Datasheet
843Kb / 2P
4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4x PCIe x16 Double-Deck Cards Plus 3x PCIe x8 Single-Deck Cards
8-Feb-2023
SKY-6400 ADVANTECH-SKY-6400 Datasheet
951Kb / 2P
4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4 x PCIe x16 Double-Deck Cards Plus 1 x PCIe x8 and 1 x PCIe x4 Single-Deck Cards
11-Jan-2022
SKY-6400-R20A1 ADVANTECH-SKY-6400-R20A1 Datasheet
951Kb / 2P
4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4 x PCIe x16 Double-Deck Cards Plus 1 x PCIe x8 and 1 x PCIe x4 Single-Deck Cards
11-Jan-2022
SKY-6400-R20B1 ADVANTECH-SKY-6400-R20B1 Datasheet
951Kb / 2P
4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4 x PCIe x16 Double-Deck Cards Plus 1 x PCIe x8 and 1 x PCIe x4 Single-Deck Cards
11-Jan-2022
SKY-640V2 ADVANTECH-SKY-640V2 Datasheet
843Kb / 2P
4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4x PCIe x16 Double-Deck Cards Plus 3x PCIe x8 Single-Deck Cards
8-Feb-2023
More results


Description similaire - SKY-6420-R48A1

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
AGS-910I-R11A1E ADVANTECH-AGS-910I-R11A1E Datasheet
773Kb / 2P
1U Rackmount Xeon E5-2600 / 2600 v2 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
AGS-913I-R11A1E ADVANTECH-AGS-913I-R11A1E Datasheet
958Kb / 2P
1U Rackmount Xeon E5-2600 v3 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
AGS-920I-R14A1E ADVANTECH-AGS-920I-R14A1E Datasheet
1Mb / 2P
2U Rackmount Intel Xeon E5-2600 / 2600 v2 GPU server, Supporting 4 x PCIe x16 double-deck card 1 x PCIe x8 FH/HL card
AGS-923I-R14A1E ADVANTECH-AGS-923I-R14A1E Datasheet
1Mb / 2P
2U Rackmount Intel Xeon E5-2600 v3 GPU server, Supporting 4 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
SKY-6100 ADVANTECH-SKY-6100 Datasheet
2Mb / 2P
1U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 1 x PCIe x16 Double-Deck FH/FL Cards or 5 x PCIe x16 Single-Deck Cards
11-Jan-2022
SKY-6200 ADVANTECH-SKY-6200 Datasheet
1Mb / 2P
2U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4 x PCIe x16 Double-Deck FH/FL Cards or 8 x PCIe x8 Single-Deck FH/FL Cards
11-Jan-2022
SKY-6400 ADVANTECH-SKY-6400 Datasheet
951Kb / 2P
4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4 x PCIe x16 Double-Deck Cards Plus 1 x PCIe x8 and 1 x PCIe x4 Single-Deck Cards
11-Jan-2022
SKY-640V2 ADVANTECH-SKY-640V2 Datasheet
843Kb / 2P
4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4x PCIe x16 Double-Deck Cards Plus 3x PCIe x8 Single-Deck Cards
8-Feb-2023
ASMB-622 ADVANTECH-ASMB-622 Datasheet
558Kb / 2P
Dual LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16 DDR4, 4 PCIe x16, 3 PCIe x8, 1 PCIe x4, 5 SATA3, 4 USB3.0, IPMI
22-Jul-2021
ASMB-935 ADVANTECH-ASMB-935 Datasheet
444Kb / 2P
Dual LGA3647-P0 Intel® Xeon® Scalable EATX Server Board with 24 DDR4, 5 PCIe x16 1 PCIe x8, 10 SATA3.0, 6 USB3.0, Dual 10GbE, IPMI
17-Feb-2022
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com