Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1309426003-E Fiches technique (PDF) - METZ CONNECT GmbH

1309426003-E Datasheet PDF - METZ CONNECT GmbH
No de pièce 1309426003-E
Télécharger  1309426003-E Télécharger
Taille du fichier   959.17 Kbytes
Page   7 Pages
Fabricant  METZ [METZ CONNECT GmbH]
Site Internet  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description E-DAT modul REG 1 port IP20 light gray

1309426003-E Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
1309426003-E Datasheet PDF - METZ CONNECT GmbH

No de pièce 1309426003-E
Télécharger  1309426003-E Click to download

Taille du fichier   959.17 Kbytes
Page   7 Pages
Fabricant  METZ [METZ CONNECT GmbH]
Site Internet  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description E-DAT modul REG 1 port IP20 light gray

1309426003-E Fiches technique (HTML) - METZ CONNECT GmbH


1309426003-E Détails du produit

Product specification
• termination unit for mounting on TH35 rails to DIN EN 60715 in electrical distribution panels for home and industrial installations
• equipped with individual E-DAT modul RJ45 module
• cable feed 45° from the top, plug direction 45° downwards
• compliance with class EA to ISO/IEC 11801, DIN EN 50173-1
• suitable for 10 GBit Ethernet (IEEE 802.3an), Remote Powering (PoE, PoE plus, UPoE and 4PPoE), HDBaseT, SAT-IP and AVoverIP
• easy to install connection of 2 to 4 pair data lines
• AWG 26/1 - 22/1 and stranded wires with 7 copper conductors AWG 26/7 - AWG 22/7 to MC 8-fold insulation displacement connectors (IDC)
• marking of conductor assignment to T568A or T568B
• easy and fast insertion of wire pairs in E-DAT modul stuffer cap
• width of 1HP allows mounting up to 12 REG in standard electrical distribution panels
• when mounted as a device of protection class I, the equipotential bonding is realized directly over the top hat rail by means of an integrated
equipotential plate. This has to be connected to the equipotential bonding of the building by means of a bonding terminal
• a cover protects the module against direct contact. If mounted in distributor panels with protective insulation, protection class II is guaranteed.
In this case, it is necessary to remove the equipotential bonding spring.
• integrated dust protection cover (also colored)




Numéro de pièce similaire - 1309426003-E

FabricantNo de pièceFiches techniqueDescription
logo
METZ CONNECT GmbH
1309426003-E METZ-1309426003-E Datasheet
3Mb / 9P
E-DAT modul coupler 8(8) 180° class EA
2022/12/16 Version: C
1309426003-E METZ-1309426003-E Datasheet
1Mb / 7P
E-DAT modul coupler 8(8) 90° class EA
2022/12/16 Version: AN
More results


Description similaire - 1309426003-E

FabricantNo de pièceFiches techniqueDescription
logo
METZ CONNECT GmbH
1307370002-I METZ-1307370002-I Datasheet
2Mb / 9P
E-DAT C6 1 port AP pure white
2022/07/11 Version: AJ
1307371002-I METZ-1307371002-I Datasheet
2Mb / 10P
E-DAT C6 1 port UP pure white
2022/07/11 Version: AI
1307371200-I METZ-1307371200-I Datasheet
2Mb / 9P
E-DAT C6 1 port UP0
2022/07/11 Version: AI
1309107003-E METZ-1309107003-E Datasheet
333Kb / 8P
REGplus IP20 E-DAT modul
2023/02/14 Version: AM
130910D1APLKE METZ-130910D1APLKE Datasheet
2Mb / 8P
Extension box APZ 1 port E-DAT modul Keystone
2022/12/15 Version: AH
130910D2APLKE METZ-130910D2APLKE Datasheet
1Mb / 8P
Extension box APZ 2 port E-DAT modul keystone
2022/07/14 Version: C
1309426103-E METZ-1309426103-E Datasheet
244Kb / 5P
E-DAT modul REG unequipped IP20 light gray
2022/07/15 Version: O
1309427103-E METZ-1309427103-E Datasheet
245Kb / 6P
Modul REGplus IP20 light gray unequipped
2022/07/15 Version: Q
1309A07003-E METZ-1309A07003-E Datasheet
244Kb / 7P
REGplus IP20 E-DAT modul coupler 180°
2023/02/15 Version: AC
1309A17003-E METZ-1309A17003-E Datasheet
243Kb / 7P
REGplus IP20 E-DAT modul coupler 90°
2023/02/15 Version: AB
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com