Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AOZ5016QI Fiches technique (PDF) - Alpha & Omega Semiconductors

AOZ5016QI Datasheet PDF - Alpha & Omega Semiconductors
No de pièce AOZ5016QI
Télécharger  AOZ5016QI Télécharger
Taille du fichier   2397.18 Kbytes
Page   16 Pages
Fabricant  AOSMD [Alpha & Omega Semiconductors]
Site Internet  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance DrMOS Power Module

AOZ5016QI Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AOZ5016QI Datasheet PDF - Alpha & Omega Semiconductors

No de pièce AOZ5016QI
Télécharger  AOZ5016QI Click to download

Taille du fichier   2397.18 Kbytes
Page   16 Pages
Fabricant  AOSMD [Alpha & Omega Semiconductors]
Site Internet  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance DrMOS Power Module

AOZ5016QI Fiches technique (HTML) - Alpha & Omega Semiconductors


AOZ5016QI Détails du produit

General Description
AOZ5016QI is a high efficiency synchronous buck power
stage module consisting of two asymmetrical MOSFETs
and an integrated driver. The MOSFETs are individually
optimized for operation in the synchronous buck
configuration. The High-Side MOSFET is optimized to
achieve low capacitance and gate charge for fast
switching with low duty cycle operation. The Low-Side
MOSFET has ultra-low ON resistance to minimize
conduction loss.
AOZ5016QI uses a PWM input for accurate control of the
power MOSFETs switching activities, is compatible with
5V (CMOS) logic and supports Tri-State PWM.
A number of features are provided making the
AOZ5016QI a highly versatile power module. The
bootstrap diode is integrated in the driver. The Low-Side
MOSFET can be driven into diode emulation mode to
provide asynchronous operation and improve light-load
performance. The pin-out is also optimized for low
parasitics, keeping their effects to a minimum.

Features
 4.5V to 25V power supply range
 4.5V to 5.5V driver supply range
 55A continuous output current
- Up to 80A with 10ms on pulse
- Up to 120A with 10us on pulse
 Up to 2MHz switching operation
 5V PWM and Tri-State input compatible
 Under-Voltage LockOut protection
 FCCM control for Diode Emulation / CCM operation
 Standard 5mm x 5mm QFN-31L package

Applications
 Memory and graphic cards
 VRMs for motherboards
 Point of load DC/DC converters
 Video gaming consoles




Numéro de pièce similaire - AOZ5016QI

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
High-Current, High-Performance DrMOS Power Module
AOZ5019QI AOSMD-AOZ5019QI Datasheet
616Kb / 13P
High-Current, High-Performance DrMOS Power Module
More results


Description similaire - AOZ5016QI

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703 Datasheet
313Kb / 18P
High-Performance, High-Current DrMOS Power Module
APW8707A ANPEC-APW8707A Datasheet
331Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8706 ANPEC-APW8706 Datasheet
360Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
AOZ5612BQI AOSMD-AOZ5612BQI Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.1 May 2021
More results




À propos de Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) est une société mondiale de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés de gestion de l'alimentation (CI).
La société a été fondée en 1995 et a son siège social à San Jose, en Californie.
AOS fournit une large gamme de solutions de gestion de l'énergie pour les applications dans l'électronique grand public, l'informatique, les télécommunications et les systèmes industriels, entre autres.
L'entreprise est connue pour sa technologie de pointe et ses produits innovants, et elle a une forte réputation dans l'industrie des semi-conducteurs.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com