Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

306-006-421-103 Fiches technique (PDF) - EDAC, All Rights Reserved.

306-006-421-103 Datasheet PDF - EDAC, All Rights Reserved.
No de pièce 306-006-421-103
Télécharger  306-006-421-103 Télécharger
Taille du fichier   131.71 Kbytes
Page   2 Pages
Fabricant  EDAC [EDAC, All Rights Reserved.]
Site Internet  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 306 Series,Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height

306-006-421-103 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
306-006-421-103 Datasheet PDF - EDAC, All Rights Reserved.

No de pièce 306-006-421-103
Télécharger  306-006-421-103 Click to download

Taille du fichier   131.71 Kbytes
Page   2 Pages
Fabricant  EDAC [EDAC, All Rights Reserved.]
Site Internet  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 306 Series,Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height

306-006-421-103 Fiches technique (HTML) - EDAC, All Rights Reserved.


306-006-421-103 Détails du produit

Features


  • .156" (3.96mm) Contact Spacing with Single Centreline Row

  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board

  • Low Profile Insulator Body, .460" (11.68mm)

  • Contact Termination Options include P.C. Tail & Wire Hole

  • Large Variety of Mounting Options

  • Accepts between Contact and In-Contact Polarizing Keys

  • Pre-assembled Card Guides are available

  • RoHS Compliant & UL Certified




Numéro de pièce similaire - 306-006-421-103

FabricantNo de pièceFiches techniqueDescription
logo
EDAC, All Rights Reserv...
306-006-421-103 EDAC-306-006-421-103 Datasheet
478Kb / 3P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
More results


Description similaire - 306-006-421-103

FabricantNo de pièceFiches techniqueDescription
logo
EDAC, All Rights Reserv...
306-006-520-102 EDAC-306-006-520-102 Datasheet
110Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-520-178 EDAC-306-006-520-178 Datasheet
112Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-521-158 EDAC-306-006-521-158 Datasheet
112Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-521-178 EDAC-306-006-521-178 Datasheet
112Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-500-102 EDAC-306-007-500-102 Datasheet
112Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-500-108 EDAC-306-007-500-108 Datasheet
113Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-500-178 EDAC-306-007-500-178 Datasheet
113Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-520-107 EDAC-306-007-520-107 Datasheet
111Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-520-108 EDAC-306-007-520-108 Datasheet
112Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-521-107 EDAC-306-007-521-107 Datasheet
111Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com