Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD4E05U06DQAR Fiches technique (PDF) - TECH PUBLIC Electronics co LTD

TPD4E05U06DQAR Datasheet PDF - TECH PUBLIC Electronics co LTD
No de pièce TPD4E05U06DQAR
Télécharger  TPD4E05U06DQAR Télécharger
Taille du fichier   1617.5 Kbytes
Page   5 Pages
Fabricant  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Site Internet  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Line Uni-directional TVS Diode

TPD4E05U06DQAR Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TPD4E05U06DQAR Datasheet PDF - TECH PUBLIC Electronics co LTD

No de pièce TPD4E05U06DQAR
Télécharger  TPD4E05U06DQAR Click to download

Taille du fichier   1617.5 Kbytes
Page   5 Pages
Fabricant  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Site Internet  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Line Uni-directional TVS Diode

TPD4E05U06DQAR Fiches technique (HTML) - TECH PUBLIC Electronics co LTD


TPD4E05U06DQAR Détails du produit

Features
● 70 Watts Peak Pulse Power (8/20μs)
● Protects two or four I/O lines
● Low capacitance: 0.3pF typical (I/O to I/O)
● Low operating voltage: 5.5V
● RoHS Compliant
● IEC61000-4-2 (ESD) +20kV (air), ±15kV (contact)
● IEC61000-4-4 (EFT) 40A (5/50ns)
● IEC61000-4-5 (Lightning) 5A(8/20μs)




Numéro de pièce similaire - TPD4E05U06DQAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD4E05U06DQAR TI-TPD4E05U06DQAR Datasheet
518Kb / 15P
1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD4E05U06DQAR TI1-TPD4E05U06DQAR Datasheet
1Mb / 29P
1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD4E05U06DQAR TI-TPD4E05U06DQAR Datasheet
3Mb / 36P
TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD4E05U06DQAR TI-TPD4E05U06DQAR Datasheet
3Mb / 36P
TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
logo
Shanghai Leiditech Elec...
TPD4E05U06DQAR LEIDITECH-TPD4E05U06DQAR Datasheet
913Kb / 9P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
Rev : 01.06.2021
More results


Description similaire - TPD4E05U06DQAR

FabricantNo de pièceFiches techniqueDescription
logo
TECH PUBLIC Electronics...
TPESDLC0524P TECHPUBLIC-TPESDLC0524P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPRCLAMP0524P TECHPUBLIC-TPRCLAMP0524P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
RCLAMP0524P TECHPUBLIC-RCLAMP0524P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TP1045-04F TECHPUBLIC-TP1045-04F Datasheet
1Mb / 4P
4-Line Uni-directional TVS Diode
TPAZ1043-04F TECHPUBLIC-TPAZ1043-04F Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPD4E05U06DAQR-TP TECHPUBLIC-TPD4E05U06DAQR-TP Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPD4EUSB30DQAR-TP TECHPUBLIC-TPD4EUSB30DQAR-TP Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPESD3324P TECHPUBLIC-TPESD3324P Datasheet
869Kb / 5P
4-Line Uni-directional TVS Diode
TPRCLAMP3324P TECHPUBLIC-TPRCLAMP3324P Datasheet
745Kb / 5P
4-Line Uni-directional TVS Diode
RCLAMP3324P TECHPUBLIC-RCLAMP3324P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com