Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B57-014-562I103 Fiches technique (PDF) - EDAC, All Rights Reserved.

B57-014-562I103 Datasheet PDF - EDAC, All Rights Reserved.
No de pièce B57-014-562I103
Télécharger  B57-014-562I103 Télécharger
Taille du fichier   522.86 Kbytes
Page   1 Pages
Fabricant  EDAC [EDAC, All Rights Reserved.]
Site Internet  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description B57 Series D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness

B57-014-562I103 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
B57-014-562I103 Datasheet PDF - EDAC, All Rights Reserved.

No de pièce B57-014-562I103
Télécharger  B57-014-562I103 Click to download

Taille du fichier   522.86 Kbytes
Page   1 Pages
Fabricant  EDAC [EDAC, All Rights Reserved.]
Site Internet  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description B57 Series D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness

B57-014-562I103 Fiches technique (HTML) - EDAC, All Rights Reserved.


B57-014-562I103 Détails du produit

Features


  • Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or
    0.125" (3.125mm) board thickness.

  • Available in 14, 24, 36 and 50 positions.

  • Variety of mounting options available.

  • Intermateable with comparable series connectors.

  • Applications include data control systems, telecom
    interconnect and electronic instrumentation

  • Mounting Posts Provide Positive Location and Retention

  • UL Approved.

  • RoHS Compliant




Numéro de pièce similaire - B57-014-562I103

FabricantNo de pièceFiches techniqueDescription
logo
EDAC, All Rights Reserv...
B57-014-562I103 EDAC-B57-014-562I103 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
More results


Description similaire - B57-014-562I103

FabricantNo de pièceFiches techniqueDescription
logo
EDAC, All Rights Reserv...
B57-014-222I323 EDAC-B57-014-222I323 Datasheet
83Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-222I502 EDAC-B57-014-222I502 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-222I822 EDAC-B57-014-222I822 Datasheet
84Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I103 EDAC-B57-014-260I103 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I202 EDAC-B57-014-260I202 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I402 EDAC-B57-014-260I402 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I503 EDAC-B57-014-260I503 Datasheet
83Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I822 EDAC-B57-014-260I822 Datasheet
86Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260IF02 EDAC-B57-014-260IF02 Datasheet
85Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-261I123 EDAC-B57-014-261I123 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com