Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

25013 Fiches technique (PDF) - Alpha Wire

25013 Datasheet PDF - Alpha Wire
No de pièce 25013
Télécharger  25013 Télécharger
Taille du fichier   92.94 Kbytes
Page   4 Pages
Fabricant  ALPHAWIRE [Alpha Wire]
Site Internet  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

25013 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
25013 Datasheet PDF - Alpha Wire

No de pièce 25013
Télécharger  25013 Click to download

Taille du fichier   92.94 Kbytes
Page   4 Pages
Fabricant  ALPHAWIRE [Alpha Wire]
Site Internet  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

25013 Fiches technique (HTML) - Alpha Wire


25013 Détails du produit

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 24 (7/32) AWG Tinned Copper 0.024
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.044
(1) Color Code Alpha Wire Color Code E
Cond Color Cond Color Cond Color
1 BLACK 2 BROWN 3 RED
2) Cable Assembly 3 Components Cabled
a) Twists: 9.6 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 25%
Overlap, Min.
3) Jacket
0.032" Wall, Nom.,Polyurethane
(TPU)
0.163 (0.173 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25013
XTRAGUARD(R) 2 RU AWM 20668 VW-1 --- LLXXXXXX CSA
AWM I/II A/B 90C 300 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Numéro de pièce similaire - 25013

FabricantNo de pièceFiches techniqueDescription
logo
SUYIN USA, INC.
250130FS SUYIN-USA-250130FS Datasheet
166Kb / 1P
2.5mm PITCH BATTERY FEMALE CONNECTOR
250132FB SUYIN-USA-250132FB Datasheet
159Kb / 1P
2.5mm PITCH BATTERY FEMALE CONNECTOR
250133MR SUYIN-USA-250133MR Datasheet
160Kb / 1P
2.5mm PITCH BATTERY MALE CONNECTOR
250133MR007G115ZR SUYIN-USA-250133MR007G115ZR Datasheet
94Kb / 1P
2.50mm PITCH BATTERY CONN
250133MR007G158ZR SUYIN-USA-250133MR007G158ZR Datasheet
102Kb / 1P
2.50mm PITCH BATTERY CONN
More results


Description similaire - 25013

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com