Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PEG124GB3220Q Fiches technique (PDF) - Kemet Corporation

PEG124GB3220Q Datasheet PDF - Kemet Corporation
No de pièce PEG124GB3220Q
Télécharger  PEG124GB3220Q Télécharger
Taille du fichier   572.37 Kbytes
Page   11 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Axial Aluminum Electrolytic Capacitors

PEG124GB3220Q Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
PEG124GB3220Q Datasheet PDF - Kemet Corporation

No de pièce PEG124GB3220Q
Télécharger  PEG124GB3220Q Click to download

Taille du fichier   572.37 Kbytes
Page   11 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Axial Aluminum Electrolytic Capacitors

PEG124GB3220Q Fiches technique (HTML) - Kemet Corporation


PEG124GB3220Q Détails du produit

Overview
KEMET's PEG124 is an electrolytic capacitor with very longlife
and outstanding electrical performance. The device has
a polarized all-welded design, tinned copper wire leads, a
negative pole connected to the case, and plastic insulation.
Long-life and very high reliability are achieved by dimensioning
of the capacitor, careful selection of materials/methods,
and discipline in quality control allowing operation up to
+125°C/+105°C.
The PEG124 winding is housed in a cylindrical aluminum can,
with a high purity aluminum lid and high quality rubber gasket.
The sealing system is designed for electrolyte leakage-free
operation and a very low gas-diffusion rate of electrolyte.
The low ESR is the result of a low resistive electrolyte/paper
system and an all-welded design.

Benefits
• Operating temperature of +125°C and +105°C
• Very long life, up to 27,500 hours at +105°C
• Low ESR
• Low ESL
• Polarized all-welded design
• Outstanding electrical performance

Applications
KEMET's PEG124 is a high performance axial electrolytic
capacitor. Typical applications include smoothing, coupling/
decoupling and energy storage in telecommunication,
power supply system, data processing, process control
and measuring, where long life and high reliability are of
paramount importance.




Numéro de pièce similaire - PEG124GB3220Q

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
PEG124 KEMET-PEG124 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
PEG124MD3100QE4 KEMET-PEG124MD3100QE4 Datasheet
233Kb / 1P
PEG124_125C, Aluminum Electrolytic, 100 uF, -10/30%, 63 VDC, -40/125°C
11/17/2022
PEG124MD3100QL1 KEMET-PEG124MD3100QL1 Datasheet
90Kb / 1P
PEG124_125C, Aluminum Electrolytic, 125C, 100 uF, -10/30%, 63 V, -40/125C
PEG124MF333AQL1 KEMET-PEG124MF333AQL1 Datasheet
90Kb / 1P
PEG124_125C, Aluminum Electrolytic, 125C, 330 uF, -10/30%, 63 V, -40/125C
PEG124MJ410AQE4 KEMET-PEG124MJ410AQE4 Datasheet
228Kb / 1P
PEG124_125C, Aluminum Electrolytic, 1,000 uF, -10/30%, 63 VDC, - 40/125°C
12/20/2022
More results


Description similaire - PEG124GB3220Q

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
Axial Leaded Aluminum Electrolytic Capacitors
TCG252U010L1C CDE-TCG252U010L1C Datasheet
167Kb / 3P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Suntan Capacitors
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
Axial Aluminum Electrolytic Capacitors
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG225 KEMET-PEG225 Datasheet
501Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227_V01 Datasheet
1Mb / 8P
Axial Aluminum Electrolytic Capacitors
1/19/2023
PEG228 KEMET-PEG228 Datasheet
1Mb / 8P
Axial Aluminum Electrolytic Capacitors
1/19/2023
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com