Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTU1108 Fiches technique (PDF) - Kinetic Technologies.

KTU1108 Datasheet PDF - Kinetic Technologies.
No de pièce KTU1108
Télécharger  KTU1108 Télécharger
Taille du fichier   576.71 Kbytes
Page   12 Pages
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description USB Type-C Protector for CC Pins

KTU1108 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
KTU1108 Datasheet PDF - Kinetic Technologies.

No de pièce KTU1108
Télécharger  KTU1108 Click to download

Taille du fichier   576.71 Kbytes
Page   12 Pages
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description USB Type-C Protector for CC Pins

KTU1108 Fiches technique (HTML) - Kinetic Technologies.


KTU1108 Détails du produit

Features

• Overvoltage Protection:
 24VDC Tolerance on CC1/2
■ Robust 25V overshoot clamping
 CC1/2 OVP = 5.8V
 Ultra-fast 15ns Response Time
• Surge Protection
 ±80V Surge Tolerance on CC1/2
• IEC61000-4-2 ESD Protection
 ±15kV air gap on CC1/2
 ±8kV contact on CC1/2
 ±2kV HBM on all pins
• Moisture Detection Compatible
 Over 10MΩ to ground on CC1/2
• CC Switches:
 1.25A, 240mΩ, 370pF, 13.2MHz
 Automatic 5.1kΩ dead battery pull-down
• 2.5V to 5.5V Operating Voltage Range
• -40°C to 85°C Operating Temperature Range
• Pb-free 12 bump WLCSP (0.4mm pitch)
• RoHS and Green Compliant

Brief Description

The KTU1108 provides ESD, surge, and over-voltage
protection (OVP) for USB Type-C ports’ CC1 and CC2 (CC
and VCONN) lines. ESD protection meets IEC61000-4-2
standards, eliminating the need for external TVS diodes.
Surge protection meets IEC61000-4-5 standards,
increasing immunity from power surges such as lightning
strikes on the power lines while the USB cable is
connected. Overvoltage protection (OVP) eliminates
system damage due to physical or moisture-related shorts
between the signal pins and VBUS at elevated PD voltage
levels.
The CC1/2 switches are low on-resistance to minimize
power dissipation for passing VCONN power up to 1.25A.
During dead battery conditions, internal 5.1kΩ resistors
automatically pull down on CC1/2 to ensure that the upstream
source provides 5V to VBUS.
The KTU1108 is packaged in RoHS and Green compliant
1.29mm x 1.69mm wafer-level chip-scale package
(WLCSP).

Applications

• Smartphones and Tablets
• Mobile Internet Devices, Accessories, Wearables




Numéro de pièce similaire - KTU1108

FabricantNo de pièceFiches techniqueDescription
logo
Kinetic Technologies.
KTU1101 KINETIC-KTU1101 Datasheet
935Kb / 15P
USB Type-C Port Protector for CC and SBU Pins
December 2020 - Revision 04c
KTU1101EVF-TR KINETIC-KTU1101EVF-TR Datasheet
935Kb / 15P
USB Type-C Port Protector for CC and SBU Pins
December 2020 - Revision 04c
More results


Description similaire - KTU1108

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD2S300 TI1-TPD2S300 Datasheet
1Mb / 37P
USB Type C Short-to-VBUS and IEC ESD Protector for the CC Pins
logo
NXP Semiconductors
PTN5150H NXP-PTN5150H Datasheet
739Kb / 27P
CC logic for USB Type-C applications
Rev. 1-9 December 2016
PTN5150 NXP-PTN5150 Datasheet
671Kb / 28P
CC logic for USB Type-C applications
Rev. 1-9 December 2016
logo
Maxim Integrated Produc...
MAX20323A MAXIM-MAX20323A Datasheet
603Kb / 13P
USB Type-C CC-Pin Overvoltage Protector
19-100074; Rev 3; 1/19
logo
NXP Semiconductors
PTN5150A NXP-PTN5150A Datasheet
672Kb / 27P
CC logic for USB Type-C applications
Rev. 1-9 December 2016
logo
Kinetic Technologies.
KTU1101 KINETIC-KTU1101 Datasheet
935Kb / 15P
USB Type-C Port Protector for CC and SBU Pins
December 2020 - Revision 04c
KTU1120 KINETIC-KTU1120 Datasheet
147Kb / 2P
USB Type-C Port Protector for CC and SBU Pins
August 2021 - Revision 04a
KTU1121 KINETIC-KTU1121 Datasheet
704Kb / 19P
USB Type-C Port Protector for CC and SBU Pins
December 2021 - Revision 04b
KTU1121A KINETIC-KTU1121A Datasheet
705Kb / 19P
USB Type-C Port Protector for CC and SBU Pins
March 2022 - Revision 04a
KTU1131 KINETIC-KTU1131 Datasheet
571Kb / 15P
USB Type-C Port Protector for CC, SBU and D/- Pins
May 2022 - Revision 04d
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com