Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1552 Fiches technique (PDF) - Kinetic Technologies.

KTA1552 Datasheet PDF - Kinetic Technologies.
No de pièce KTA1552
Télécharger  KTA1552 Télécharger
Taille du fichier   145.21 Kbytes
Page   3 Pages
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Quad Channel Active EMI & ESD Suppressor for Ethernet Applications

KTA1552 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
KTA1552 Datasheet PDF - Kinetic Technologies.

No de pièce KTA1552
Télécharger  KTA1552 Click to download

Taille du fichier   145.21 Kbytes
Page   3 Pages
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Quad Channel Active EMI & ESD Suppressor for Ethernet Applications

KTA1552 Fiches technique (HTML) - Kinetic Technologies.


KTA1552 Détails du produit

Features

• Enables system designers to comply with:
 CISPR22 and FCC Part 15, Class B
requirements for Radiated and Conducted
Emissions
 IEC 61000-4-3 requirements for Radiated and
Conducted Immunity, Level 3 or higher
 IEC 61000-4-2 ESD (Air Discharge) of ±25kV
 IEC 61000-4-2 ESD (Contact Discharge) of
±12kV
 Cable Discharge Event (CDE) of ±12kV
• Provides up to 10dB of additional common
mode noise suppression over the frequency of
1MHz to 125MHz when used with Ethernet
magnetics
• Robust built-in ESD suppressors protect the
Ethernet PHY and improve system ESD
performance
• JESD22-A114, ESD, HBM of ±8kV
• Interfaces to standard Ethernet transformers
and 1000 Ethernet PHYs
• Uses a single standard power rail (3.3V or 2.5V)
• Open drain output stage that can be biased
from 1.8V to 3.3V using transformer center-tap
supply as needed based on choice of Ethernet
PHY.
• Flow-through routing for ease of board layout
• Typical power consumption of 90mW.
• Low power mode available
• Industrial temperature range (-40°C to +85°C)

Applications

• Ethernet systems requiring additional CM
suppression to meet EMC Class B emissions or
higher EMI immunity requirements and ESD
protection
• POE and Non-PoE Ethernet systems
• VoIP Phones, IP Cameras, WAPs, Routers,
Switches
• Set Top Boxes, Networked Printers and
Appliances, Desktop and Laptop Computers

Brief Description

The KTA1552 is a four channel, highly integrated CMOS
solution for Common Mode (CM) noise suppression &
transient voltage protection in Ethernet applications.
The KTA1552 EMI/ESD Suppressor has been architected
and designed to provide system level ESD protection and
EMI suppression in Ethernet products, enabling an easier
path to system EMC compliance.
The KTA1552 utilizes Kinetic Technologies’ patented
Active Choke technology which offers superior Common
Mode reduction and immunity compared to passive filtering
techniques in Ethernet applications. The adaptive and
continuous suppression operates over the entire Ethernet
signal bandwidth, and it compensates for many variables
that are the source of common mode noise in Ethernet
systems. It also improves the differential-to-common mode
balance of the system. This enables system designers to
meet EMI emissions and EMI immunity requirements from
the start of the design.
In addition, the KTA1552 includes highly robust ESD/Surge
protection diodes to protect the Ethernet PHY from various
transient overvoltage events. These are built using
Kinetics' proprietary design and layout techniques to safely
deal with very high current densities in a CMOS process
without creating voltage and/or thermal overstress that
causes damage to the device.
The KTA1552 supports four twisted pair interfaces for 1000
applications. The KTA1552 is available in a small footprint
36-pin DFN 9mm x 4mm Reduction of Hazardous
Substance (RoHS) compliant package.




Numéro de pièce similaire - KTA1552

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1552T KEC-KTA1552T Datasheet
63Kb / 1P
TSM PACKAGE
KTA1552T KEC-KTA1552T Datasheet
410Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
KTA1552T KEC-KTA1552T Datasheet
85Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
KTA1552T KEC-KTA1552T_04 Datasheet
63Kb / 1P
TSM PACKAGE
KTA1552T KEC-KTA1552T_06 Datasheet
410Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
More results


Description similaire - KTA1552

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ESDA6V1BC6 STMICROELECTRONICS-ESDA6V1BC6 Datasheet
49Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
Jan-2002
ESDA6V1-4BC6 STMICROELECTRONICS-ESDA6V1-4BC6 Datasheet
50Kb / 5P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
Nov-2002
logo
ON Semiconductor
SMS05T1 ONSEMI-SMS05T1 Datasheet
47Kb / 4P
SC-74 Quad Transient Voltage Suppressor for ESD Protection
April, 2002 ??Rev. 5
logo
STMicroelectronics
ESDA6V1-4BC6 STMICROELECTRONICS-ESDA6V1-4BC6_04 Datasheet
60Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
04-Nov-2004
ESDA6V1BC6 STMICROELECTRONICS-ESDA6V1BC6_04 Datasheet
59Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
04-Nov-2004
logo
FutureWafer Tech Co.,Lt...
VCLAMP05 FUTUREWAFER-VCLAMP05 Datasheet
1Mb / 5P
Quad Bi-Directional Transient Suppressor For ESD array
logo
Eaton All Rights Reserv...
41206ESDA EATON-41206ESDA Datasheet
442Kb / 3P
ESD suppressor four-channel
42510ESDA-TR1 EATON-42510ESDA-TR1 Datasheet
551Kb / 2P
ESD suppressor four-channel
logo
Kinetic Technologies.
AS1602 KINETIC-AS1602 Datasheet
159Kb / 2P
Dual Channel Active EMI & ESD Suppressor for
March 2022 - Revision 04d
KTA1550 KINETIC-KTA1550 Datasheet
157Kb / 4P
Dual Channel Active EMI & ESD Suppressor for Ethernet Applications
August 2022 - Revision 04e
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com