Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STHU32N65DM6AG Fiches technique (PDF) - STMicroelectronics

STHU32N65DM6AG Datasheet PDF - STMicroelectronics
No de pièce STHU32N65DM6AG
Télécharger  STHU32N65DM6AG Télécharger
Taille du fichier   658.79 Kbytes
Page   15 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in an HU3PAK package

STHU32N65DM6AG Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STHU32N65DM6AG Datasheet PDF - STMicroelectronics

No de pièce STHU32N65DM6AG
Télécharger  STHU32N65DM6AG Click to download

Taille du fichier   658.79 Kbytes
Page   15 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in an HU3PAK package

STHU32N65DM6AG Fiches technique (HTML) - STMicroelectronics


STHU32N65DM6AG Détails du produit

Features
• AEC-Q101 qualified
• Fast-recovery body diode
• Lower RDS(on) x area vs previous generation
• Low gate charge, input capacitance and resistance
• 100% avalanche tested
• Extremely dv/dt ruggedness
• Zener-protected
• Excellent switching performance thanks to the extra driving source pin

Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fastrecovery
diode series. Compared with the previous MDmesh fast generation,
DM6 combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.

Applications
• Switching applications




Numéro de pièce similaire - STHU32N65DM6AG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STHU36N60DM6AG STMICROELECTRONICS-STHU36N60DM6AG Datasheet
672Kb / 15P
Automotive-grade N-channel 600 V, 84 mΩ typ., 29 A MDmesh DM6 Power MOSFET in an HU3PAK package
11-Nov-2021
More results


Description similaire - STHU32N65DM6AG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STW68N65DM6-4AG STMICROELECTRONICS-STW68N65DM6-4AG Datasheet
263Kb / 12P
Automotive N-channel 650 V, 33 mΩ typ., 72 A MDmesh DM6 Power MOSFET in a TO247?? package
Rev 2 - July 2020
STH30N65DM6-7AG STMICROELECTRONICS-STH30N65DM6-7AG Datasheet
816Kb / 14P
Automotive-grade N-channel 650 V, 102 mΩ typ., 28 A MDmesh DM6 Power MOSFET in an H²PAK-7 package
24-Jun-2021
STHU36N60DM6AG STMICROELECTRONICS-STHU36N60DM6AG Datasheet
672Kb / 15P
Automotive-grade N-channel 600 V, 84 mΩ typ., 29 A MDmesh DM6 Power MOSFET in an HU3PAK package
11-Nov-2021
STHU47N60DM6AG STMICROELECTRONICS-STHU47N60DM6AG Datasheet
673Kb / 15P
Automotive-grade N-channel 600 V, 70 mΩ typ., 36 A MDmesh DM6 Power MOSFET in an HU3PAK package
11-Nov-2021
SH32N65DM6AG STMICROELECTRONICS-SH32N65DM6AG Datasheet
476Kb / 14P
Automotive-grade N-channel 650 V, 89 m typ., 32 A MDmesh DM6 half‑bridge topology Power MOSFET in an ACEPACK SMIT package
03-Oct-2022
SH68N65DM6AG STMICROELECTRONICS-SH68N65DM6AG Datasheet
555Kb / 15P
Automotive-grade N-channel 650 V, 35 m typ., 64 A MDmesh DM6 half-bridge topology Power MOSFET in an ACEPACK SMIT package
25-Jul-2022
STD9N65DM6AG STMICROELECTRONICS-STD9N65DM6AG Datasheet
336Kb / 15P
Automotive-grade N-channel 650 V, 365 m typ., 9 A MDmesh DM6 Power MOSFET in a DPAK package
17-Apr-2020
STW72N60DM6AG STMICROELECTRONICS-STW72N60DM6AG Datasheet
282Kb / 12P
Automotive-grade N-channel 600 V, 37 m typ., 56 A, MDmesh DM6 Power MOSFET in a TO‑247 package
STWA32N65DM6AG STMICROELECTRONICS-STWA32N65DM6AG Datasheet
255Kb / 12P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
10-Aug-2021
STWA72N60DM6AG STMICROELECTRONICS-STWA72N60DM6AG Datasheet
279Kb / 12P
Automotive-grade N-channel 600 V, 37 m typ., 56 A, MDmesh DM6 Power MOSFET in a TO‑247 long leads package
20-May-2021
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.