Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431BCDMR2G Fiches technique (PDF) - ON Semiconductor

TL431BCDMR2G Datasheet PDF - ON Semiconductor
No de pièce TL431BCDMR2G
Télécharger  TL431BCDMR2G Télécharger
Taille du fichier   471.08 Kbytes
Page   22 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Precision References

TL431BCDMR2G Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TL431BCDMR2G Datasheet PDF - ON Semiconductor

No de pièce TL431BCDMR2G
Télécharger  TL431BCDMR2G Click to download

Taille du fichier   471.08 Kbytes
Page   22 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Precision References

TL431BCDMR2G Fiches technique (HTML) - ON Semiconductor


TL431BCDMR2G Détails du produit

The TL431A, B integrated circuits are three−terminal
programmable shunt regulator diodes. These monolithic IC voltage
references operate as a low temperature coefficient zener which is
programmable from Vref to 36 V with two external resistors. These
devices exhibit a wide operating current range of 1.0 mA to 100 mA
with a typical dynamic impedance of 0.22 . The characteristics of
these references make them excellent replacements for zener diodes in
many applications such as digital voltmeters, power supplies, and op
amp circuitry. The 2.5 V reference makes it convenient to obtain
a stable reference from 5.0 V logic supplies, and since the TL431A,
B operates as a shunt regulator, it can be used as either a positive or
negative voltage reference.

Features
• Programmable Output Voltage to 36 V
• Voltage Reference Tolerance: ±0.4%, Typ @ 25°C (TL431B)
• Low Dynamic Output Impedance, 0.22  Typical
• Sink Current Capability of 1.0 mA to 100 mA
• Equivalent Full−Range Temperature Coefficient of 50 ppm/°C Typical
• Temperature Compensated for Operation over Full Rated Operating
Temperature Range
• Low Output Noise Voltage
• NCV/SCV Prefixes for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC−Q100 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Numéro de pièce similaire - TL431BCDMR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TL431BCDMR2G ONSEMI-TL431BCDMR2G Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
TL431BCDMR2G ONSEMI-TL431BCDMR2G Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
TL431BCDMR2G ONSEMI-TL431BCDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
TL431BCDMR2G ONSEMI-TL431BCDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
TL431BCDMR2G ONSEMI-TL431BCDMR2G Datasheet
181Kb / 18P
Programmable Precision References
March, 2016 ??Rev. 38
More results


Description similaire - TL431BCDMR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
Programmable Precision References
logo
ON Semiconductor
NCP431AISNT1G ONSEMI-NCP431AISNT1G Datasheet
408Kb / 17P
Programmable Precision References
April, 2013 ??Rev. 5
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com