Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WSR2LFEA01 Fiches technique (PDF) - Vishay Siliconix

WSR2LFEA01 Datasheet PDF - Vishay Siliconix
No de pièce WSR2LFEA01
Télécharger  WSR2LFEA01 Télécharger
Taille du fichier   107.5 Kbytes
Page   4 Pages
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount

WSR2LFEA01 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
WSR2LFEA01 Datasheet PDF - Vishay Siliconix

No de pièce WSR2LFEA01
Télécharger  WSR2LFEA01 Click to download

Taille du fichier   107.5 Kbytes
Page   4 Pages
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount

WSR2LFEA01 Fiches technique (HTML) - Vishay Siliconix


WSR2LFEA01 Détails du produit

FEATURES
• Molded high temperature encapsulation
• Improved thermal management incorporated
into design
• All welded construction of the Power Metal
Strip® resistors are ideal for all types of current
sensing, voltage division and pulse applications
• Proprietary processing technique produces
extremely low resistance values (down to
0.001 Ω)
• Sulfur resistance by construction that is
unaffected by high sulfur environments
• Solid metal nickel-chrome or manganesecopper
alloy resistive element with low TCR
(< 20 ppm/°C)
• Very low inductance 0.5 nH to 5 nH
• Low thermal EMF (< 3 μV/°C)
• Integral heat sink not utilized for resistance values less
than 0.0075 Ω
• AEC-Q200 qualified (1)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Numéro de pièce similaire - WSR2LFEA01

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
WSR2LFEA VISHAY-WSR2LFEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
01-Jul-09
WSR2LFEA1 VISHAY-WSR2LFEA1 Datasheet
125Kb / 3P
Power Metal Strip Resistors
01-Jul-09
WSR2LFEA1 VISHAY-WSR2LFEA1 Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
01-Jul-09
WSR2LFEA2 VISHAY-WSR2LFEA2 Datasheet
125Kb / 3P
Power Metal Strip Resistors
01-Jul-09
WSR2LFEA2 VISHAY-WSR2LFEA2 Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
01-Jul-09
More results


Description similaire - WSR2LFEA01

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
WSL VISHAY-WSL Datasheet
119Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
WSR VISHAY-WSR Datasheet
237Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
26-Mar-07
WSL2512R0500FEA VISHAY-WSL2512R0500FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
01-Jul-09
WSL2512R4700FEA VISHAY-WSL2512R4700FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSL2512R5000FEA VISHAY-WSL2512R5000FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSR3R0200FEA VISHAY-WSR3R0200FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
01-Jul-09
WSL3637 VISHAY-WSL3637_15 Datasheet
88Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
10-Dec-10
More results




À propos de Vishay Siliconix


Vishay Siliconix est une filiale de Vishay Intertechnology, un fabricant mondial de composants électroniques passifs.
Vishay Siliconix est spécialisée dans la conception, la fabrication et la commercialisation de MOSFET de puissance, IGBTS et autres semi-conducteurs de puissance.
La société a été fondée en 1962 et a son siège à Santa Clara, en Californie.
Vishay Siliconix fournit des solutions d'alimentation pour une variété d'applications, notamment des systèmes d'énergie renouvelable, des équipements industriels, l'informatique et les télécommunications et l'électronique automobile.
Les produits de l'entreprise sont conçus pour une grande efficacité, une faible consommation d'énergie et une forte fiabilité, et sont fabriqués dans des installations de pointe à l'aide de processus de fabrication avancés.
En mettant l'accent sur l'innovation et la satisfaction des clients, Vishay Siliconix s'engage à fournir à ses clients les meilleures solutions de gestion de l'alimentation pour répondre à leurs besoins.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com