Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A8946 Fiches technique (PDF) - AiT Semiconductor Inc.

A8946 Datasheet PDF - AiT Semiconductor Inc.
No de pièce A8946
Télécharger  A8946 Télécharger
Taille du fichier   753.38 Kbytes
Page   24 Pages
Fabricant  AITSEMI [AiT Semiconductor Inc.]
Site Internet  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE

A8946 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
A8946 Datasheet PDF - AiT Semiconductor Inc.

No de pièce A8946
Télécharger  A8946 Click to download

Taille du fichier   753.38 Kbytes
Page   24 Pages
Fabricant  AITSEMI [AiT Semiconductor Inc.]
Site Internet  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE

A8946 Fiches technique (HTML) - AiT Semiconductor Inc.


A8946 Détails du produit

DESCRIPTION
The A8946 is a 4-wire touch screen driver which supports a low-voltage I/O interface from 1.5V to 5.25V.
The A8946 has an on-chip 2.5V reference that can be used for the auxiliary input, battery monitor, and temperature measurement modes. The reference can also be powered down when not used to conserve power. The internal reference operates down to 2.7V supply voltage, while monitoring the battery voltage from 0V to 6V.
The A8946 is a highly integrated driver for portable applications with 4-wire resistive touch panel such as, PDA, portable instruments, cellular phone, etc.
The A8946 is available in QFN16 package.

FEATURES
 1.5V to 5.25V digital I/O
 2.2V to 5.25V operation
 4-wire I/F
 Internal 2.5V reference
 Direct battery measurement(0V to 6V)
 Programmable 8 or 12 bit Resolution
 Temperature measurement
 Touch-pressure measurement
 Available in QFN16 Package.

APPLICATION
 Cellular Phones
 Personal Digital Assistants
 Portable Instruments
 Touch Screen Monitors
 Screen Signature Board
 Digital Still Camera




Numéro de pièce similaire - A8946

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
A89 MACOM-A89 Datasheet
113Kb / 1P
100 TO 800 MHz CASCADABLE AMPLIFIER
A89 MACOM-A89 Datasheet
387Kb / 2P
Cascadable Amplifier 100 to 800 MHz
logo
M/A-COM Technology Solu...
A89 MA-COM-A89 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 800 MHz
A89 MA-COM-A89 Datasheet
652Kb / 3P
Cascadable Amplifier 100 to 800 MHz
A89-SMA89 MA-COM-A89-SMA89 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Description similaire - A8946

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
Low Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
4-wire Resistive Touch Screen Controller
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
4-wire Resistive Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
4-wire Resistive Touch Screen Controller
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
Low Voltage I/O Touch Screen Controller
logo
Shenzhen Huazhimei Semi...
HM2046 HMSEMI-HM2046 Datasheet
1Mb / 21P
Four-wire touch screen control interface
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com