Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NT1727A Fiches technique (PDF) - Neotec Semiconductor Ltd.

NT1727A Datasheet PDF - Neotec Semiconductor Ltd.
No de pièce NT1727A
Télécharger  NT1727A Télécharger
Taille du fichier   323.12 Kbytes
Page   4 Pages
Fabricant  NEOTEC [Neotec Semiconductor Ltd.]
Site Internet  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.
Description 2-Cell Lithium-lon/Polymer Protector

NT1727A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NT1727A Datasheet PDF - Neotec Semiconductor Ltd.

No de pièce NT1727A
Télécharger  NT1727A Click to download

Taille du fichier   323.12 Kbytes
Page   4 Pages
Fabricant  NEOTEC [Neotec Semiconductor Ltd.]
Site Internet  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.
Description 2-Cell Lithium-lon/Polymer Protector

NT1727A Fiches technique (HTML) - Neotec Semiconductor Ltd.


NT1727A Détails du produit

Description
The NT1727 series is the 2-cell protection IC
for lithium-ion/ lithium-polymer/lithium-iron
phosphate rechargeable battery pack. The high
accuracy voltage, current detector and delay time
circuits are built in NT1727 series with
state-of-the-art design and process.
The NT1727 series have three types of
discharge over-current protection and one type of
charge over-current protection.

Features
 High accuracy voltage detection circuit
 Over-charge detection : 25mV
 Over-discharge detection : 80mV
 Discharge over-current-1 detection : 10%
 Discharge over-current-2 detection : 10%
 Load short-circuiting detection : 10%
 Charge over-current detection : 8mV/10mV
 High withstand voltage
 Absolute maximum rating: 30V
 Operating voltage range: 3.5V to 12V
 Low power consumption
 Supply current: 6.6uA max. (Ta=+25℃)
 Delay times of over-charge, load short-circuiting are
generated by an internal circuit (fixed).
 Delay times of over-discharge, discharge over-current-1
and 2 are controlled by external capacitors.
 Built-in breaking wire detector function
 Package: 10 pin SOP
 Lead-free, Sn 100%, Halogen-free

Applications
 Lithium-ion rechargeable battery pack
 Lithium-polymer rechargeable battery pack
 Lithium-iron phosphate rechargeable battery pack




Numéro de pièce similaire - NT1727A

FabricantNo de pièceFiches techniqueDescription
logo
Neotec Semiconductor Lt...
NT1724 NEOTEC-NT1724 Datasheet
347Kb / 4P
Battery Protection IC for 2-Cell
V1.05
NT1724A-EMAA6 NEOTEC-NT1724A-EMAA6 Datasheet
347Kb / 4P
Battery Protection IC for 2-Cell
V1.05
NT1724A-FHAA6 NEOTEC-NT1724A-FHAA6 Datasheet
347Kb / 4P
Battery Protection IC for 2-Cell
V1.05
NT1724A-FKAA6 NEOTEC-NT1724A-FKAA6 Datasheet
347Kb / 4P
Battery Protection IC for 2-Cell
V1.05
NT1724A-HHAA6 NEOTEC-NT1724A-HHAA6 Datasheet
347Kb / 4P
Battery Protection IC for 2-Cell
V1.05
More results


Description similaire - NT1727A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77908A TI-BQ77908A Datasheet
943Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBT TI1-BQ77910ADBT Datasheet
856Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
logo
HYCON Technology Corpor...
HY2120 HYCON-HY2120 Datasheet
1,011Kb / 22P
2-Cell Lithium-ion/Lithium Polymer
logo
Neotec Semiconductor Lt...
NT1672 NEOTEC-NT1672 Datasheet
843Kb / 16P
Lithium-lon/Polymer/Iron Protector
V1.06
NT1728A NEOTEC-NT1728A Datasheet
340Kb / 4P
3-Cell Lithium-lon/Polymer Protector
V1.00
NT1770A NEOTEC-NT1770A Datasheet
370Kb / 7P
2/3/4/5-Cell Lithium-lon/Polymer Protector
V1.04
NT1775 NEOTEC-NT1775 Datasheet
325Kb / 4P
3/4-Cell Lithium-lon/Polymer Protector
V5.17
NT1777A NEOTEC-NT1777A Datasheet
362Kb / 5P
2/3/4/5-Cell Lithium-lon/Polymer Protector
V2.00
NT1660 NEOTEC-NT1660 Datasheet
405Kb / 10P
Lithium-lon/Polymer/Iron Protector
V1.04
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com