Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NT1715A Fiches technique (PDF) - Neotec Semiconductor Ltd.

NT1715A Datasheet PDF - Neotec Semiconductor Ltd.
No de pièce NT1715A
Télécharger  NT1715A Télécharger
Taille du fichier   279.64 Kbytes
Page   4 Pages
Fabricant  NEOTEC [Neotec Semiconductor Ltd.]
Site Internet  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.
Description Battery Protection IC for 1-Cell Pack

NT1715A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NT1715A Datasheet PDF - Neotec Semiconductor Ltd.

No de pièce NT1715A
Télécharger  NT1715A Click to download

Taille du fichier   279.64 Kbytes
Page   4 Pages
Fabricant  NEOTEC [Neotec Semiconductor Ltd.]
Site Internet  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.
Description Battery Protection IC for 1-Cell Pack

NT1715A Fiches technique (HTML) - Neotec Semiconductor Ltd.


NT1715A Détails du produit

Description
The NT1715 series are the 1-cell protection IC for
lithium-ion/lithium-polymer rechargeable battery pack.
The high accuracy voltage, current detector and delay
time circuits are built in NT1715 series with state-of-art
design and process.
To minimize power consumption, NT1715 series
activate power down mode when an over-discharge
event is detected (for power-down mode enabled
version). Besides, NT1715 series perform protection
functions with five external components for
miniaturized PCB.
The tiny package is especially suitable for compact
portable device, i.e. slim mobile phone, tablet PC
battery packs, Digital camera and Bluetooth earphone.

Features
 High accuracy voltage detection circuit
 Over-charge detection: ± 15mV
 Over-discharge detection voltage: ± 35mV
 Discharge over-current detection:
± 15%/± 10mV
 Charge over-current detection: ± 15%/± 10mV
 Load short-circuiting detection voltage: ± 25%
 High withstand voltage
 Absolute maximum ratings: 28V max.
(COUT, VDD-V-)
 Ultra small package:
SOT-23-6, DFN-1.5x1.5-6L, SON-1.6x1.6-6L
 Lead-free, Sn 100%, Halogen-free

Applications
 Mobile phone battery packs
 Tablet PC battery packs
 Digital camera battery packs




Numéro de pièce similaire - NT1715A

FabricantNo de pièceFiches techniqueDescription
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.13
NT1715B-NHDBB NEOTEC-NT1715B-NHDBB Datasheet
250Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.13
NT1715B-NHDC1 NEOTEC-NT1715B-NHDC1 Datasheet
250Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.13
NT1715B-NHFBB NEOTEC-NT1715B-NHFBB Datasheet
250Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.13
NT1715B-QHBBB NEOTEC-NT1715B-QHBBB Datasheet
250Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.13
More results


Description similaire - NT1715A

FabricantNo de pièceFiches techniqueDescription
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
Protection IC for 1-Cell Battery Pack
V1.1
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.13
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.4
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com