Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC1102 Fiches technique (PDF) - NXP Semiconductors

LPC1102 Datasheet PDF - NXP Semiconductors
No de pièce LPC1102
Télécharger  LPC1102 Télécharger
Taille du fichier   683.7 Kbytes
Page   43 Pages
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM

LPC1102 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
LPC1102 Datasheet PDF - NXP Semiconductors

No de pièce LPC1102
Télécharger  LPC1102 Click to download

Taille du fichier   683.7 Kbytes
Page   43 Pages
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM

LPC1102 Fiches technique (HTML) - NXP Semiconductors


LPC1102 Détails du produit

General description
The LPC1102/1104 are an ARM Cortex-M0 based, low-cost 32-bit MCU, designed for
8/16-bit microcontroller applications, offering performance, low power, simple instruction
set and memory addressing together with reduced code size compared to existing 8/16-bit
architectures.
The LPC1102/1104 operate at CPU frequencies of up to 50 MHz.
The peripheral complement of the LPC1102/1104 includes 32 kB of flash memory, 8 kB of
data memory, one RS-485/EIA-485 UART, one SPI interface with SSP features, four
general purpose counter/timers, a 10-bit ADC, and 11 general purpose I/O pins.
Remark: The LPC1104 has a revised pinout and contains several features not found in
the LPC1102:
• Two extra GPIO pins (PIO0_1 and PIO0_6).
• Extra match output (CT32B0_MAT2).
• CLKOUT feature.
• Easier re-entry to ISP via PIO0_1.
• SSP0_CLK available on two pins (A1 and A2) to support debugging of SSP
communication.
• Better positioning of the XTALIN pin for easier PCB layout.

Features and benefits
 System:
 ARM Cortex-M0 processor, running at frequencies of up to 50 MHz.
 ARM Cortex-M0 built-in Nested Vectored Interrupt Controller (NVIC).
 Serial Wire Debug.
 System tick timer.
 Memory:
 32 kB on-chip flash programming memory.
 8 kB SRAM.
 In-Application Programming (IAP) and In-System Programming (ISP) support via
on-chip bootloader software.
 Digital peripherals:
 11 General Purpose I/O (GPIO) pins with configurable pull-up/pull-down resistors
and programmable open-drain mode.
 GPIO pins can be used as edge and level sensitive interrupt sources.
 Four general purpose counter/timers with a total of one capture input and 10 match
outputs.
 Programmable windowed WatchDog Timer (WDT).
 Analog peripherals:
 10-bit ADC with input multiplexing among five pins.
 Serial interfaces:
 UART with fractional baud rate generation, internal FIFO, and RS-485 support.
 One SPI controller with SSP features and with FIFO and multi-protocol capabilities
(see Section 7.16).
 Clock generation:
 12 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used
as a system clock.
 Programmable watchdog oscillator with a frequency range of 9.4 kHz to 2.3 MHz.
 PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from an external clock or the internal RC
oscillator.
 Clock output function with divider that can reflect the system oscillator clock, IRC
clock, CPU clock, and the Watchdog clock (LPC1104 only).
 Power control:
 Integrated PMU (Power Management Unit) to minimize power consumption during
Sleep and Deep-sleep modes.
 Power profiles residing in boot ROM allowing to optimize performance and
minimize power consumption for any given application through one simple function
call.
 Two reduced power modes: Sleep and Deep-sleep modes.
 Processor wake-up from Deep-sleep mode via a dedicated start logic using up to
six of the functional pins.
 Power-On Reset (POR).
 Brownout detect with up to four separate thresholds for interrupt and forced reset.
 Unique device serial number for identification.
 Single 3.3 V power supply (1.8 V to 3.6 V).
 Available as WLCSP16 package.




Numéro de pièce similaire - LPC1102

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC1102 NXP-LPC1102 Datasheet
292Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC1102LVUK NXP-LPC1102LVUK Datasheet
1Mb / 53P
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
More results


Description similaire - LPC1102

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LPC11C12 NXP-LPC11C12 Datasheet
310Kb / 49P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 00.05-6 May 2010
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC11CX2 NXP-LPC11CX2 Datasheet
1Mb / 61P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM C_CAN
Rev. 2-3 December 2010
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC11CX2 NXP-LPC11CX2_11 Datasheet
520Kb / 62P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC11C24FBD48301 NXP-LPC11C24FBD48301 Datasheet
327Kb / 62P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.1-15 May 2013
LPC11CX2 NXP-LPC11CX2_V01 Datasheet
550Kb / 64P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.2-4 January 2016
More results




À propos de NXP Semiconductors


NXP Semiconductors est une société multinationale cotée en bourse qui conçoit, développe et fabrique un large éventail de semi-conducteurs et de circuits intégrés pour diverses applications, y compris les marchés automobiles, industriels, de communications et de consommation.

La société a été fondée en 2006 et a son siège à Eindhoven, aux Pays-Bas.

NXP propose un large portefeuille de produits, notamment des microcontrôleurs, des microprocesseurs, des circuits intégrés d'authentification sécurisés, des ICS de gestion de l'alimentation, des composants RF et des micro-ondes et des solutions de capteurs, entre autres.

Les produits de l'entreprise sont conçus pour être économes en énergie, sécurisés et fiables, et sont utilisés dans une variété d'applications, y compris les systèmes automobiles, l'automatisation et le contrôle industriels, les maisons et les bâtiments intelligents et les appareils connectés.

NXP est dédié à l'innovation et à la satisfaction des clients, et s'engage à fournir à ses clients les meilleures solutions semi-conductrices pour répondre à leurs besoins.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.