Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPA-4-2004 Fiches technique (PDF) - Teledyne Technologies Incorporated

CPA-4-2004 Datasheet PDF - Teledyne Technologies Incorporated
No de pièce CPA-4-2004
Télécharger  CPA-4-2004 Télécharger
Taille du fichier   891.03 Kbytes
Page   2 Pages
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Amplifier 2 GHz - 4 GHz

CPA-4-2004 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
CPA-4-2004 Datasheet PDF - Teledyne Technologies Incorporated

No de pièce CPA-4-2004
Télécharger  CPA-4-2004 Click to download

Taille du fichier   891.03 Kbytes
Page   2 Pages
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Amplifier 2 GHz - 4 GHz

CPA-4-2004 Fiches technique (HTML) - Teledyne Technologies Incorporated


CPA-4-2004 Détails du produit

Amplifier 2 GHz - 4 GHz

This Amplifier offers exceptional performance over the band 2 GHz to 4 GHz with 23 dBm P1dB output power and 41 dB Gain.

Teledyne Microwave amplifiers are balanced or feedback designs and manufactured with the latest MIC & MMIC technology. The GaAs FET’s used in these amplifiers are well established proven devices from multiple sources.

Teledyne Microwave offers a complete line of Narrow and broadband Amplifiers covering the frequency range 500 MHz to 40 GHz. These products are available in either connectorized packages or as modules. For a complete list of these products and more, please visit our website.

Other products from Teledyne Microwave include: Transceivers, Synthesizers, and YIG Products




Numéro de pièce similaire - CPA-4-2004

FabricantNo de pièceFiches techniqueDescription
logo
Teledyne Technologies I...
CPA-4-2002 TELEDYNE-CPA-4-2002 Datasheet
894Kb / 2P
Amplifier 2 GHz - 4 GHz
CPA-4-2003 TELEDYNE-CPA-4-2003 Datasheet
892Kb / 2P
Amplifier 2 GHz - 4 GHz
More results


Description similaire - CPA-4-2004

FabricantNo de pièceFiches techniqueDescription
logo
Teledyne Technologies I...
CMA-4-2002 TELEDYNE-CMA-4-2002 Datasheet
894Kb / 2P
Amplifier 2 GHz - 4 GHz
CMA-4-2003 TELEDYNE-CMA-4-2003 Datasheet
892Kb / 2P
Amplifier 2 GHz - 4 GHz
CMA-4-2004 TELEDYNE-CMA-4-2004 Datasheet
892Kb / 2P
Amplifier 2 GHz - 4 GHz
CMT-4-2004 TELEDYNE-CMT-4-2004 Datasheet
891Kb / 2P
Temperature Compensated Amplifier 2 GHz - 4 GHz
CPA-4-2002 TELEDYNE-CPA-4-2002 Datasheet
894Kb / 2P
Amplifier 2 GHz - 4 GHz
CPA-4-2003 TELEDYNE-CPA-4-2003 Datasheet
892Kb / 2P
Amplifier 2 GHz - 4 GHz
CPT-4-2002 TELEDYNE-CPT-4-2002 Datasheet
892Kb / 2P
Temperature Compensated Amplifier 2 GHz - 4 GHz
CPT-4-2004 TELEDYNE-CPT-4-2004 Datasheet
891Kb / 2P
Temperature Compensated Amplifier 2 GHz - 4 GHz
TGM-04-2001 TELEDYNE-TGM-04-2001 Datasheet
898Kb / 2P
Module Amplifier 2 GHz - 4 GHz
CGM-04-2001 TELEDYNE-CGM-04-2001 Datasheet
914Kb / 2P
Module Amplifier 2 GHz - 4 GHz
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com