Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC582B50Q3 Fiches technique (PDF) - STMicroelectronics

SPC582B50Q3 Datasheet PDF - STMicroelectronics
No de pièce SPC582B50Q3
Télécharger  SPC582B50Q3 Télécharger
Taille du fichier   2311.47 Kbytes
Page   115 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B

SPC582B50Q3 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SPC582B50Q3 Datasheet PDF - STMicroelectronics

No de pièce SPC582B50Q3
Télécharger  SPC582B50Q3 Click to download

Taille du fichier   2311.47 Kbytes
Page   115 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B

SPC582B50Q3 Fiches technique (HTML) - STMicroelectronics


SPC582B50Q3 Détails du produit

Features
■ AEC-Q100 qualified
■ High performance e200z2 single core – 32-bit Power Architecture technology CPU – Core frequency as high as 80 MHz – Variable Length Encoding (VLE) – Floating Point, End-to-End Error Correction
■ 1088 KB (1024 KB code flash + 64 KB data flash) on-chip flash memory: supports read during program and erase operations, and multiple blocks allowing EEPROM emulation
■ 96 KB on-chip general-purpose SRAM
■ Multi-channel direct memory access controller (eDMA) with 16 channels
■ 1 interrupt controller (INTC)
■ Comprehensive new generation ASIL-B safety concept – ASIL-B of ISO 26262 – FCCU for collection and reaction to failure notifications – Memory Error Management Unit (MEMU) for collection and reporting of error events in memories – Cyclic redundancy check (CRC) unit – End-to-end Error Correction Code (e2eECC) logic
■ Crossbar switch architecture for concurrent access to peripherals, Flash, or RAM from multiple bus masters with end-to-end ECC
■ Body cross triggering unit (BCTU) – Triggers ADC conversions from any eMIOS channel – Triggers ADC conversions from up to 2 dedicated PIT_RTIs – 1 event configuration register dedicated to each timer event allows to define the corresponding ADC channel – Synchronization with ADC to avoid collision
■ 1 enhanced 12-bit SAR analog-to-digital converters – Up to 27 channels – enhanced diagnosis feature
■ Communication interfaces – 6 LINFlexD modules – 4 deserial serial peripheral interface (DSPI) modules – 7 MCAN interfaces with advanced shared memory scheme and ISO CAN FD support
■ Dual phase-locked loops with stable clock domain for peripherals and FM modulation domain for computational shell
■ Nexus Class 3 debug and trace interface
■ Boot assist Flash (BAF) supports factory programming using a serial bootload through the asynchronous CAN or LIN/UART.
■ Enhanced modular IO subsystem (eMIOS): up to 32 timed I/O channels with 16-bit counter resolution
■ Advanced and flexible supply scheme – On-chip voltage regulator for 1.2 V core logic supply.
■ Junction temperature range -40 °C to 150 °C eTQFP100 (14 x 14 x 1.0 mm) eTQFP64 (10 x 10 x 1.0 mm) QFN48 (7 x 7 x 0.9 mm)




Numéro de pièce similaire - SPC582B50Q3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SPC582B50E1 STMICROELECTRONICS-SPC582B50E1 Datasheet
1Mb / 111P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
26-Feb-2024
SPC582B50E3 STMICROELECTRONICS-SPC582B50E3 Datasheet
1Mb / 111P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
26-Feb-2024
More results


Description similaire - SPC582B50Q3

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SGP-TC-EVK STMICROELECTRONICS-SGP-TC-EVK Datasheet
898Kb / 6P
Evaluation Kit for SPC58 Gateway enhanced by Telemaco3P ASIL-B Processor
04-Mar-2020
SPC584CX STMICROELECTRONICS-SPC584CX Datasheet
2Mb / 153P
SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
May 2021
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC58EHX STMICROELECTRONICS-SPC58EHX_V01 Datasheet
2Mb / 147P
SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
07-Jun-2021
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.