Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWBC-EP Fiches technique (PDF) - STMicroelectronics

STWBC-EP Datasheet PDF - STMicroelectronics
No de pièce STWBC-EP
Télécharger  STWBC-EP Télécharger
Taille du fichier   2255.45 Kbytes
Page   4 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP

STWBC-EP Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STWBC-EP Datasheet PDF - STMicroelectronics

No de pièce STWBC-EP
Télécharger  STWBC-EP Click to download

Taille du fichier   2255.45 Kbytes
Page   4 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP

STWBC-EP Fiches technique (HTML) - STMicroelectronics


STWBC-EP Détails du produit

Description
The EVALSTWBC-EP is a wireless battery charger TX evaluation kit including EVALSTWBC-EP demo-board and EVALWBCDNGV1 USB-UART dongle, designed for charging devices such as smartphones or tablets where high power levels are required. The evaluation board supports wireless battery charging of Qi-compliant devices up to 15W. It also supports proprietary fast charging modes up to 10W. The EVALSTWBC-EP transmitter is based on the STWBC-EP and features a costeffective half bridge topology offering external interface via UART. The EVALSTWBCEP solution provides a complete kit, which includes demo board, its firmware, a graphical interface for debug, the schematics, layout files and bill of materials. Tools for EVALSTWBC-EP are available on www.st.com and allow users to access runtime information such as power delivered, regulation error and protocol status. Parameters can also be adjusted with these tools Product status link EVALSTWBC-EP Product summary Qi MP-A15 15W wireless charger Tx evaluation kit EVALSTWBC-EP USB-UART dongle EVALWBCDNGV1 Firmware for EVALSTBC-EP STSW-STWBC-EP Digital controller for wireless battery charger transmitters (WBC) in 15W medium power

Features
■ STWBC-EP digital controller
■ MP-A15 fixed frequency topology
■ 15W output power
■ Flexible input voltage: 5V to 20V from USB connector
■ 5W mode when connected to 5V USB input
■ WPC Qi1.2.4 standard compliant
■ Robust demodulation algorithm, with triple path (V, I, f)
■ Foreign Object Detection (FOD)
■ Active presence detection
■ UART protocol to control and monitor the system
■ Complete reference design (evaluation board, schematics, PCB layout, firmware and tools)
■ 2 layers PCB
■ Low standby power consumption
■ Flash memory based
■ CE certified
■ ROHS compliant




Numéro de pièce similaire - STWBC-EP

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STWBC-EP STMICROELECTRONICS-STWBC-EP Datasheet
715Kb / 32P
Digital controller for wireless battery chargers transmitters for Qi 15 W applications
10-Oct-2017
STWBC-EPTR STMICROELECTRONICS-STWBC-EPTR Datasheet
715Kb / 32P
Digital controller for wireless battery chargers transmitters for Qi 15 W applications
10-Oct-2017
More results


Description similaire - STWBC-EP

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-ISB027V1 STMICROELECTRONICS-STEVAL-ISB027V1 Datasheet
355Kb / 6P
Qi A11 wireless charger transmitter evaluation board based on STWBC
02-Mar-2015
STEVAL-ISB038V1 STMICROELECTRONICS-STEVAL-ISB038V1 Datasheet
724Kb / 9P
1 W wearable wireless power system based on STWBC-WA and STWLC04
21-Nov-2016
STEVAL-ISB038V1T STMICROELECTRONICS-STEVAL-ISB038V1T Datasheet
1Mb / 7P
1 W wearable wireless power transmitter based on STWBC-WA
21-Nov-2016
STEVAL-ISB039V1 STMICROELECTRONICS-STEVAL-ISB039V1 Datasheet
562Kb / 7P
1 W wireless charger system Tx/Rx based on STM32F0 and STWLC03
15-Sep-2016
STEVAL-ISB044V1 STMICROELECTRONICS-STEVAL-ISB044V1 Datasheet
713Kb / 10P
Qi MP-A10 15 W wireless charger TX evaluation kit based onSTWBC-EP
09-Oct-2017
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
logo
NXP Semiconductors
IMX7ULPEVKFS NXP-IMX7ULPEVKFS Datasheet
282Kb / 2P
Evaluation Kit Based on i.MX 7ULP Applications Processors
2018
MCIMX6ULL-EVK NXP-MCIMX6ULL-EVK Datasheet
4Mb / 2P
Evaluation Kit Based on i.MX 6ULL Applications Processors
REV 2
logo
STMicroelectronics
STEVAL-ISB045V1 STMICROELECTRONICS-STEVAL-ISB045V1 Datasheet
751Kb / 7P
2.5 W wireless charger transmitter evaluation kit
18-Apr-2018
logo
Burland Technology Solu...
MB-FS80B BURLAND-MB-FS80B Datasheet
511Kb / 1P
QI WIRELESS CHARGER FAST CHARGE
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.