Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN7700 Fiches technique (PDF) - Panasonic Semiconductor

AN7700 Datasheet PDF - Panasonic Semiconductor
No de pièce AN7700
Télécharger  AN7700 Télécharger
Taille du fichier   169.8 Kbytes
Page   21 Pages
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Low-dropout three-pin voltage regulator 1.2-A type

AN7700 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AN7700 Datasheet PDF - Panasonic Semiconductor

No de pièce AN7700
Télécharger  AN7700 Click to download

Taille du fichier   169.8 Kbytes
Page   21 Pages
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Low-dropout three-pin voltage regulator 1.2-A type

AN7700 Fiches technique (HTML) - Panasonic Semiconductor


AN7700 Détails du produit

■Overview

The AN7700, AN7700F, and AN7700SP series are stabilized constant-voltage power supplies with small difference between I/O voltages (0.5 V typ.). They are suitable for low-voltage, battery-driven equipment, and home

appliances and industrial equipment with great fluctuation of the supply voltage.

   The output voltage ranges:

      For AN7700, AN7700F

             3 V, 4 V, 5 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, and 24 V

      For AN7700SP

             3.3 V, 3.5 V, 5 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, and 15 V



■Features

•Minimum I/O voltage difference: 0.5 V (typ.)

•On-chip overcurrent limiter

•On-chip thermal protection circuit

•On-chip inrush current protection circuit at the time of input voltage start-up

•On-chip input short-circuit protection circuit (When the input pin is short-circuited to the ground, the

circuit between pins 1 and 3 is shut down to prevent current flow.)



■Applications

•Power supply equipment




Numéro de pièce similaire - AN7700

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
AN77759 INFINEON-AN77759 Datasheet
7Mb / 140P
Programmable System-on-Chip (PSoC®)
November 27, 2019
AN77835 INFINEON-AN77835 Datasheet
7Mb / 140P
Programmable System-on-Chip (PSoC®)
November 27, 2019
logo
Panasonic Semiconductor
AN77L00 PANASONIC-AN77L00 Datasheet
81Kb / 8P
3-pin Low Power Loss Voltage Regulato (100mA Type)
AN77L00M PANASONIC-AN77L00M Datasheet
81Kb / 8P
3-pin Low Power Loss Voltage Regulato (100mA Type)
AN77L03 PANASONIC-AN77L03 Datasheet
81Kb / 8P
3-pin Low Power Loss Voltage Regulato (100mA Type)
More results


Description similaire - AN7700

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF Datasheet
252Kb / 11P
1 A Three-Terminal Low-Dropout Voltage Regulator
logo
STMicroelectronics
TLV1112 STMICROELECTRONICS-TLV1112 Datasheet
323Kb / 12P
1.2-V, 0.8-A LOW-DROPOUT VOLTAGE REGULATOR
11-Oct-2007
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF_09 Datasheet
235Kb / 12P
1 A Three-Terminal Low-Dropout Voltage Regulator
logo
Analog Devices
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
logo
STMicroelectronics
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
1.2 A high PSRR low-dropout linear voltage regulator
Apr-2020
logo
ON Semiconductor
NCV8187 ONSEMI-NCV8187 Datasheet
278Kb / 12P
Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2020 ??Rev. 2
NCV8187 ONSEMI-NCV8187_V01 Datasheet
580Kb / 19P
Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2021 ??Rev. 8
More results




À propos de Panasonic Semiconductor


Panasonic Semiconductor est une filiale de Panasonic Corporation, une société d'électronique japonaise.
Panasonic Semiconductor fournit une large gamme de produits, notamment des microcontrôleurs, des capteurs, des circuits intégrés de gestion de l'alimentation et d'autres composants électroniques pour diverses applications sur les marchés automobiles, industriels et consommateurs.
La société est connue pour son accent sur la qualité et la fiabilité, et ses produits sont largement utilisés dans la gestion de l'alimentation, l'éclairage et d'autres applications.
Panasonic Semiconductor a des opérations dans plusieurs pays et est l'un des principaux fournisseurs de composants électroniques dans la région Asie-Pacifique.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com