Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC-12-300 Fiches technique (PDF) - Kemet Corporation

SC-12-300 Datasheet PDF - Kemet Corporation
No de pièce SC-12-300
Télécharger  SC-12-300 Télécharger
Taille du fichier   78.25 Kbytes
Page   1 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SC, AC Line Filters, Common Mode, 3000 uH

SC-12-300 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SC-12-300 Datasheet PDF - Kemet Corporation

No de pièce SC-12-300
Télécharger  SC-12-300 Click to download

Taille du fichier   78.25 Kbytes
Page   1 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SC, AC Line Filters, Common Mode, 3000 uH

SC-12-300 Fiches technique (HTML) - Kemet Corporation


SC-12-300 Détails du produit

Overview
The KEMET SC coils are common mode chokes with a wide variety of characteristics. These toroidal coils are designed with our proprietary ferrite cores and are useful in various noise countermeasure fields.

Benefits
• Proprietary 5H, 7H and 10H ferrite material and equivalents
• Suitable for ≥ 150 kHz range
• Wide variety of sizes and specifications
• Operating temperature range from −25°C to +105°C or +120°C
• UL 94 V–2 or V–0 flame retardant rated cap

Applications
• Audio-visual equipment
• Home appliances
• Power supplies




Numéro de pièce similaire - SC-12-300

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
SC-12-300 KEMET-SC-12-300 Datasheet
1Mb / 17P
Common Mode SC Coils, Standard Series
More results


Description similaire - SC-12-300

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
SC-02-E30JKH KEMET-SC-02-E30JKH Datasheet
99Kb / 1P
KEMET, SC_JKH, AC Line Filters, Common Mode, 3000 uH
SC-03-30J KEMET-SC-03-30J Datasheet
91Kb / 1P
KEMET, SC-J, AC Line Filters, Common Mode, 3000 uH
SC-04-200 KEMET-SC-04-200 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 2000 uH
SC-08-30J KEMET-SC-08-30J Datasheet
92Kb / 1P
KEMET, SC-J, AC Line Filters, Common Mode, 3000 uH
SC-10-340 KEMET-SC-10-340 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 3400 uH
SC-10-S30JH KEMET-SC-10-S30JH Datasheet
130Kb / 1P
KEMET, SC Three Phase, AC Line Filters, Common Mode, 3000 uH
SC22-05-30JH KEMET-SC22-05-30JH Datasheet
129Kb / 1P
KEMET, SC-JH, AC Line Filters, Common Mode, 3000 uH
SC-08-200B KEMET-SC-08-200B Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 2000 uH
SC-05-103 KEMET-SC-05-103 Datasheet
78Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 1000 uH
SC-20-300 KEMET-SC-20-300 Datasheet
77Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 3000 uH
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com