| Fabricant | No de pièce | Fiches technique | Description |
 PHOENIX CONTACT |
2700838
|
259Kb / 15P |
INTERBUS-ST analog input module, 4 inputs, 0 - 10 V, 짹10 V, 0 - 20 mA, 4 - 20 mA
|
|
2701040
|
57Kb / 4P |
I/O extension module for use with Nanoline base unit. Equipped with 2 analog input (0...10 V DC, -10...10 V DC, 0/4...20 mA) and 2 analog output (0...10 V DC, 0/4...20 mA) channels. A maximum of three I/O extension modules can be attached to a base unit.
|
|
2701954
|
56Kb / 3P |
INTERBUS-ST analog output module, 4 outputs, 0 - 10 V, 짹10 V, 0 - 20 mA, 4 - 20 mA, comprising: Moduleelectronics only
|
|
2726285
|
185Kb / 6P |
Inline analog input terminal block, without accessories, 2 inputs, 0-20 mA, 4-20 mA, 20 mA, 0-10 V, 10 V, 2-wire connection method
|
|
2726298
|
175Kb / 6P |
Inline analog output terminal, without accessories, 1 output, 0-20 mA, 4-20 mA, 0-10 V, 2-wire connection method
|
|
2727831
|
149Kb / 6P |
Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 짹20 mA, 0-10 V, 짹10 V, (also 0-40 mA, 짹40 mA, 0-5 V, 짹5 V, 0-25 V, 짹25 V, 0-50 V), 2-conductor connection method
|
|
2769873
|
92Kb / 5P |
MCR limit value switch, with two adjustable relay contacts, with electrically isolated auxiliary power supply, input signal 0...10 V/0..20 mA
|
 ZIEHL industrie-elektro... |
TR210
|
376Kb / 2P |
Limit Value Switch Type TR210 for 2 Temperature-Sensors or 0/4-20 mA, 0-10 V, 2 Limits, Analog-output
|
 Schneider Electric |
RMCN22BD
|
131Kb / 6P |
Harmony Analog, Isolated analog converter, 0... 10 V or 4...20 mA to 0...10 V or 4...20 mA
Sep 13, 2021 |
|
RMCV60BD
|
132Kb / 6P |
Harmony analog, Isolated analog converter, 0.. 500 V voltage to 0....10 V or 4..20 mA
Sep 13, 2021 |