Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93LC66CXESNG Fiches technique (PDF) - Microchip Technology

93LC66CXESNG Datasheet PDF - Microchip Technology
No de pièce 93LC66CXESNG
Télécharger  93LC66CXESNG Télécharger
Taille du fichier   405.32 Kbytes
Page   24 Pages
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4K Microwire Compatible Serial EEPROM

93LC66CXESNG Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
93LC66CXESNG Datasheet PDF - Microchip Technology

No de pièce 93LC66CXESNG
Télécharger  93LC66CXESNG Click to download

Taille du fichier   405.32 Kbytes
Page   24 Pages
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4K Microwire Compatible Serial EEPROM

93LC66CXESNG Fiches technique (HTML) - Microchip Technology


93LC66CXESNG Détails du produit

Description:

The Microchip Technology Inc. 93XX66A/B/C devices are 4K bit low-voltage serial Electrically Erasable PROMs (EEPROM). Word-selectable devices such as the 93AA66C, 93LC66C or 93C66C are dependent upon external logic levels driving the ORG pin to set word size. For dedicated 8-bit communication, the 93XX66A devices are available, while the 93XX66B devices provide dedicated 16-bit communication. Advanced CMOS technology makes these devices ideal for low-power, nonvolatile memory applications. The entire 93XX Series is available in standard packages including 8-lead PDIP and SOIC, and advanced packaging including 8-lead MSOP, 6-lead

SOT-23, 8-lead 2x3 DFN and 8-lead TSSOP. Pb-free (Pure Matte Sn) finish is available.



Features:

• Low-power CMOS technology

• ORG pin to select word size for ‘66C’ version

• 512 x 8-bit organization ‘A’ ver. devices (no ORG)

• 256 x 16-bit organization ‘B’ ver. devices (no ORG)

• Self-timed erase/write cycles (including auto-erase)

• Automatic ERAL before WRAL

• Power-on/off data protection circuitry

• Industry standard 3-wire serial I/O

• Device Status signal (Ready/Busy)

• Sequential read function

• 1,000,000 E/W cycles

• Data retention > 200 years

• Temperature ranges supported:

- Industrial (I) -40°C to +85°C

- Automotive (E) -40°C to +125°C




Numéro de pièce similaire - 93LC66CXESNG

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
93LC66CX-E/MC MICROCHIP-93LC66CX-E/MC Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93LC66CX-E/MCG MICROCHIP-93LC66CX-E/MCG Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93LC66CX-E/MS MICROCHIP-93LC66CX-E/MS Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93LC66CX-E/MSG MICROCHIP-93LC66CX-E/MSG Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93LC66CX-E/OT MICROCHIP-93LC66CX-E/OT Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
More results


Description similaire - 93LC66CXESNG

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
93LC66A MICROCHIP-93LC66A Datasheet
225Kb / 12P
4K 2.5V Microwire Serial EEPROM
1998 - 2000
93LC66AB MICROCHIP-93LC66AB Datasheet
185Kb / 12P
4K 2.5V Microwire Serial EEPROM
1997
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
2K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
2K Microwire Compatible Serial EEPROM
2007
93AA66A MICROCHIP-93AA66A_05 Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
8K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
16K Microwire Compatible Serial EEPROM
01/26/04
93LC66BSN MICROCHIP-93LC66BSN Datasheet
303Kb / 25P
4K Microwire Compatible Serial EEPROM
07/28/03
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
More results




À propos de Microchip Technology


Microchip Technology est une entreprise américaine de semi-conducteurs fondée en 1989.
La société fournit une large gamme de microcontrôleurs, de produits analogiques, de mémoire et de sécurité pour diverses applications sur les marchés automobiles, industriels et consommateurs.
Microchip est l'un des plus grands fournisseurs de microcontrôleurs au monde et est connu pour son expertise dans la conception de faible puissance et son accent sur les technologies d'économie d'énergie.
L'entreprise fournit également des outils de développement et des logiciels pour aider les clients à concevoir et à prototyper leurs produits.
Microchip a des opérations dans plus de 70 pays et ses produits sont utilisés dans un large éventail d'applications.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com