| Fabricant | No de pièce | Fiches technique | Description |
 Fairchild Semiconductor |
FSA644UCX
|
624Kb / 10P |
FSA644 ??2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
|
 Texas Instruments |
TS5MP645
|
1Mb / 31P |
4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
|
|
TS5MP646
|
1Mb / 30P |
Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
|
 ON Semiconductor |
FSA644
|
1Mb / 11P |
2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
May 2018 Rev. 2 |
|
FSA646
|
458Kb / 8P |
2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0 |
|
FSA660
|
314Kb / 8P |
2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0 |
 Will Semiconductor Ltd. |
WAS4644C
|
367Kb / 6P |
MIPI D-PHY 1.5Gbps, 5-Channel Differential, 2:1/1:2 High Speed Switch
|
 ON Semiconductor |
FSA634
|
986Kb / 8P |
2:1 MIPI D-PHY (1.5Gbps) 4Data Lane Switch
September, 2019 ??Rev. 1 |
|
FSA646A
|
487Kb / 9P |
2:1 MIPI D-PHY (4.5Gbps) 4-Data-Lane & C-PHY (3.5Gsps) 3-Data-Lane Switch
April, 2019 ??Rev. 0 |
 Diodes Incorporated |
PI3WVR2646
|
645Kb / 9P |
2:1 MIPI 4-Data Lane Switch
Rev 4 - 2 September 2022 |