Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDSP-U103 Fiches technique (PDF) - AVAGO TECHNOLOGIES LIMITED

HDSP-U103 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No de pièce HDSP-U103
Télécharger  HDSP-U103 Télécharger
Taille du fichier   359.92 Kbytes
Page   9 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 8 mm (0.31 inch) Ultra Mini Seven Segment Displays

HDSP-U103 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HDSP-U103 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No de pièce HDSP-U103
Télécharger  HDSP-U103 Click to download

Taille du fichier   359.92 Kbytes
Page   9 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 8 mm (0.31 inch) Ultra Mini Seven Segment Displays

HDSP-U103 Fiches technique (HTML) - AVAGO TECHNOLOGIES LIMITED


HDSP-U103 Détails du produit

Description
The 8 mm (0.31 inch) LED seven segment displays are Avago’s most space-efficient character size. They are designed for viewing distances up to 3 metres (10 feet). The numeric devices feature a right hand decimal point. All devices are available as either common anode or common cathode.
Typical applications include appliances, temperature con trollers, and digital panel meters.

Features
• Compact package
• 8 mm (0.31 inch) character height
• Choice of colors:
    – Wide range of colors
• Excellent appearance:
    – Evenly lighted segments
    – Mitered corners on segments
    – Gray/black surface gives optimum contrast
    – ±50° viewing angle
• Design flexibility:
    – Common anode or common cathode
    – Right hand decimal point
• Categorized for luminous intensity:
    – Yellow and Green also categorized for color
    – Use of like categories yields a uniform display
• High light output
• High peak current
• Excellent for long digit string multiplexing
• Intensity and color selection option




Numéro de pièce similaire - HDSP-U103

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HDSP-U103 HP-HDSP-U103 Datasheet
375Kb / 11P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U103 AVAGO-HDSP-U103 Datasheet
133Kb / 11P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U103 AVAGO-HDSP-U103 Datasheet
189Kb / 10P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U103-00000 HP-HDSP-U103-00000 Datasheet
375Kb / 11P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U103-00036 HP-HDSP-U103-00036 Datasheet
375Kb / 11P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results


Description similaire - HDSP-U103

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
20 mm (0.8 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-U HP-HDSP-U Datasheet
375Kb / 11P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-U1XX HP-HDSP-U1XX Datasheet
380Kb / 11P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U1XX AVAGO-HDSP-U1XX Datasheet
133Kb / 11P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
10 mm (0.40 inch) Seven Segment Displays
HDSP-U101 AVAGO-HDSP-U101_12 Datasheet
189Kb / 10P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com